Electronic Components Datasheet Search
  English  ▼

X  

LP2301ALT3G Datasheet(PDF) 5 Page - Leshan Radio Company

Part # LP2301ALT3G
Description  20V P-Channel Enhancement-Mode MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LP2301ALT3G Datasheet(HTML) 5 Page - Leshan Radio Company

  LP2301ALT3G Datasheet HTML 1Page - Leshan Radio Company LP2301ALT3G Datasheet HTML 2Page - Leshan Radio Company LP2301ALT3G Datasheet HTML 3Page - Leshan Radio Company LP2301ALT3G Datasheet HTML 4Page - Leshan Radio Company LP2301ALT3G Datasheet HTML 5Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
LP2301ALT1G, S-LP2301ALT1G
20V P-Channel Enhancement-Mode MOSFET
8.OUTLINE AND DIMENSIONS
Notes:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETERS.
3. MAXIMUM LEAD THICKNESS INCLUDES LEAD
FINISH. MINIMUM LEAD THICKNESS IS THE MINIMUM
THICKNESS OF BASE MATERIAL.
4. DIMENSIONS D AND E DO NOT INCLUDE MOLD
FLASH, PROTRUSIONS OR GATE BURRS.
9.SOLDERING FOOTPRINT
L
L1
0.10
0.2
0.3
0.004 0.008
0.69
0.014 0.021
10°
0.012
0.35
HE
2.10
2.4
2.64
0.083 0.094 0.104
0.54
θ
0°
---
10°
0°
---
1.78
1.9
2.04
0.07
0.075 0.081
0.005
e
0.029
1.20
0.09
b
A1
0.37
E
MIN
NOM
MAX
MIN
NOM
0.01
0.06
0.1
0.001 0.002
D
DIM
MILLIMETERS
INCHES
0.89
1
c
2.80
MAX
A
1.11
0.035
0.04
0.044
1.3
1.4
0.047 0.051 0.055
0.004
0.44
0.5
0.015 0.018
0.02
0.13
0.18
0.003
0.007
0.114
0.12
2.9
3.04
0.11
Leshan Radio Company, LTD.
5/5
Rev.C Sep. 2018



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com