Electronic Components Datasheet Search
  English  ▼

X  

LP2301ALT3G Datasheet(PDF) 1 Page - Leshan Radio Company

Part # LP2301ALT3G
Description  20V P-Channel Enhancement-Mode MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LP2301ALT3G Datasheet(HTML) 1 Page - Leshan Radio Company

  LP2301ALT3G Datasheet HTML 1Page - Leshan Radio Company LP2301ALT3G Datasheet HTML 2Page - Leshan Radio Company LP2301ALT3G Datasheet HTML 3Page - Leshan Radio Company LP2301ALT3G Datasheet HTML 4Page - Leshan Radio Company LP2301ALT3G Datasheet HTML 5Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1. FEATURES
●
VDS =-20V
●
RDS(ON),VGS@-2.5V,IDS@-2.0A=150mΩ
●
RDS(ON),VGS@-4.5V,IDS@-2.8A=110mΩ
●
We declare that the material of product compliance with
RoHS requirements and Halogen Free.
●
S- prefix for automotive and other applications requiring
unique site and control change requirements; AEC-Q101
qualified and PPAP capable.
2. APPLICATIONS
●
Power management in note book
●
Portable equipment
●
Battery powered system
●
Load switch
●
DSC
3. DEVICE MARKING AND ORDERING INFORMATION
4. MAXIMUM RATINGS(Ta = 25ºC)
– Continuous TA = 25°C
– Pulsed
5. THERMAL CHARACTERISTICS
Maximum Power Dissipation
Thermal Resistance,
Junction–to–Ambient(Note 1)
Junction and Storage temperature
1. The device mounted on 1in²FR5 board with 2 oz copper.
01A
10000/Tape&Reel
Parameter
Device
Gate–to–Source Voltage – Continuous
VGS
±8
LP2301ALT1G
S-LP2301ALT1G
20V P-Channel Enhancement-Mode MOSFET
-20
Unit
Drain–Source Voltage
VDSS
Marking
Shipping
LP2301ALT1G
01A
3000/Tape&Reel
Drain Current(Note 1)
V
LP2301ALT3G
-2
IDM
-10
Symbol
Limits
Parameter
Symbol
Limits
W
PD
V
A
Unit
0.7
ID
ºC/W
ºC
−55
∼+150
TJ,Tstg
RΘJA
175
SOT23(TO-236)
Leshan Radio Company, LTD.
Rev.C Sep. 2018
1/5


Similar Part No. - LP2301ALT3G

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
LP2301ALT1G VBSEMI-LP2301ALT1G Datasheet
465Kb / 9P
P-Channel 20-V (D-S) MOSFET
logo
Leshan Radio Company
LP2301ALT1G LRC-LP2301ALT1G_15 Datasheet
1Mb / 5P
20V P-Channel Enhancement-Mode MOSFET
More results

Similar Description - LP2301ALT3G

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXM62P02E6 ZETEX-ZXM62P02E6 Datasheet
203Kb / 7P
20V P-CHANNEL ENHANCEMENT MODE MOSFET
ZXM64P02X ZETEX-ZXM64P02X Datasheet
205Kb / 7P
20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM2301 TSC-TSM2301 Datasheet
169Kb / 5P
20V P-Channel Enhancement Mode MOSFET
logo
Pan Jit International I...
PJA63P02 PANJIT-PJA63P02 Datasheet
204Kb / 6P
20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Leshan Radio Company
LP2301ALT1G LRC-LP2301ALT1G_15 Datasheet
1Mb / 5P
20V P-Channel Enhancement-Mode MOSFET
logo
Diodes Incorporated
DMP21D0UT DIODES-DMP21D0UT_15 Datasheet
170Kb / 7P
20V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMP22D4UFA DIODES-DMP22D4UFA_15 Datasheet
159Kb / 6P
20V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
logo
Pan Jit International I...
PJA3415 PANJIT-PJA3415 Datasheet
227Kb / 6P
20V P-Channel Enhancement Mode MOSFET
PJA3415A PANJIT-PJA3415A Datasheet
298Kb / 6P
20V P-Channel Enhancement Mode MOSFET
PJS6415 PANJIT-PJS6415 Datasheet
297Kb / 6P
20V P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com