Electronic Components Datasheet Search
  English  ▼

X  

LP2317DT2AG Datasheet(PDF) 3 Page - Leshan Radio Company

Part # LP2317DT2AG
Description  20V P-Channel (D-S) MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LP2317DT2AG Datasheet(HTML) 3 Page - Leshan Radio Company

  LP2317DT2AG Datasheet HTML 1Page - Leshan Radio Company LP2317DT2AG Datasheet HTML 2Page - Leshan Radio Company LP2317DT2AG Datasheet HTML 3Page - Leshan Radio Company LP2317DT2AG Datasheet HTML 4Page - Leshan Radio Company LP2317DT2AG Datasheet HTML 5Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
LP2317DT2AG
20V P-Channel (D-S) MOSFET
Leshan Radio Company, LTD.
3/5
6.ELECTRICAL CHARACTERISTICS CURVES
0.000
0.010
0.020
0.030
0.040
0.050
3
4
5
6
7
8
9
ID,Drain Current(A)
Ta=25
℃
VGS=-2.5V
VGS=-4.5V
0.01
0.1
1
10
0.2
0.4
0.6
0.8
1
VSD,Diode Forward Voltage (V)
150
℃
-55
℃
25
℃
0
1
2
3
4
5
6
7
8
0
0.5
1
1.5
VGS,Gate to Source Voltage(V)
VDS=-10V
150
℃
-55
℃
25
℃
0
1
2
3
4
5
6
7
8
9
10
0
1
2
3
4
5
VDS,Drain to Source Voltage(V)
Ta=25
℃
VGS=-1.2V
VGS=-1.3V
VGS=-1.4V
VGS=-1.5V
VGS=-2V,-2.5V,-3V
ID vs. VDS
ID vs. VGS
IS vs. VSD
RDS(on) vs. ID
Rev.D Nov. 2018



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com