Electronic Components Datasheet Search
  English  ▼

X  

LP2317DT2AG Datasheet(PDF) 1 Page - Leshan Radio Company

Part # LP2317DT2AG
Description  20V P-Channel (D-S) MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LP2317DT2AG Datasheet(HTML) 1 Page - Leshan Radio Company

  LP2317DT2AG Datasheet HTML 1Page - Leshan Radio Company LP2317DT2AG Datasheet HTML 2Page - Leshan Radio Company LP2317DT2AG Datasheet HTML 3Page - Leshan Radio Company LP2317DT2AG Datasheet HTML 4Page - Leshan Radio Company LP2317DT2AG Datasheet HTML 5Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1. FEATURES
●
VDS = -20V
RDS(ON)≤
26mΩ,VGS@-4.5V,IDS@-7A
RDS(ON)≤
36mΩ,VGS@-2.5V,IDS@-5.6A
●
Low RDS(ON) trench technology.
●
Low thermal impedance.
●
Fast switching speed.
●
We declare that the material of product compliance with
RoHS requirements and Halogen Free.
●
S- prefix for automotive and other applications requiring
unique site and control change requirements; AEC-Q101
qualified and PPAP capable.
2. APPLICATIONS
●
Load Switches
●
DC/DC Conversion
●
Motor Drives
3. DEVICE MARKING AND ORDERING INFORMATION
4. MAXIMUM RATINGS(Ta = 25ºC)
Device
VGS
±8
Symbol
Limits
LP2317DT2AG
20V P-Channel (D-S) MOSFET
-20
Unit
VDS
Marking
Shipping
LP2317DT2AG
L1
4000/Tape&Reel
V
Drain-Source Voltage
Gate-Source Voltage
℃
PD
W
-8.8
ID
IDM
-40
3
40
1.9
TJ , Tstg
-55~+150
IS
-5
A
RqJA
90
℃/W
Note: 1. Surface Mounted on 1” x 1” FR4 Board.
2. Pulse width limited by maximum junction temperature
Continuous Drain Current (Note1)
Pulsed Drain Current (Note2)
Parameter
TA = 25℃
TA = 70℃
Power Dissipation (Note1)
Operating Junction and Storage Temperature Range
Continuous Source Current (Diode Conduction) (Note1)
t ≤10 sec
Steady State
Maximum Junction-to-Ambient (Note1)
Leshan Radio Company, LTD.
1/5
Rev.D Nov. 2018


Similar Part No. - LP2317DT2AG

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LP2311LT1G LRC-LP2311LT1G Datasheet
510Kb / 5P
20V P-Channel Enhancement-Mode MOSFET
LP2311LT3G LRC-LP2311LT3G Datasheet
510Kb / 5P
20V P-Channel Enhancement-Mode MOSFET
More results

Similar Description - LP2317DT2AG

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
CJL3415 JIANGSU-CJL3415 Datasheet
797Kb / 5P
P-Channel 20V(D-S) MOSFET
logo
Leshan Radio Company
LP0404N3T5G LRC-LP0404N3T5G Datasheet
1Mb / 5P
20V, P-Channel (D-S) MOSFET
LP8207DT1AG LRC-LP8207DT1AG Datasheet
320Kb / 5P
20V P-Channel (D-S) MOSFET
LP8217DT1AG LRC-LP8217DT1AG Datasheet
220Kb / 3P
20V P-Channel (D-S) MOSFET
LP4217T1G LRC-LP4217T1G Datasheet
256Kb / 3P
20V P-Channel (D-S) MOSFET VDS = -20V
logo
First Silicon Co., Ltd
FTK0404PSOT883 FS-FTK0404PSOT883 Datasheet
563Kb / 5P
20V, P-Channel (D-S) MOSFET
FTK3415L FS-FTK3415L Datasheet
484Kb / 4P
P-Channel 20V(D-S) MOSFET
logo
Shenzhen Tuofeng Semico...
TF207P TUOFENG-TF207P Datasheet
3Mb / 6P
P-Channel -20V(D-S) MOSFET
Dec 2020 V1.1
logo
DinTek Semiconductor Co...
DTQ3215 DINTEK-DTQ3215 Datasheet
296Kb / 7P
P-Channel 20V (D-S) MOSFET
DTQ3221 DINTEK-DTQ3221 Datasheet
298Kb / 8P
P-Channel 20V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com