Electronic Components Datasheet Search
  English  ▼

X  

LP9435LT3G Datasheet(PDF) 4 Page - Leshan Radio Company

Part # LP9435LT3G
Description  30V P-Channel Enhancement-Mode MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LP9435LT3G Datasheet(HTML) 4 Page - Leshan Radio Company

  LP9435LT3G Datasheet HTML 1Page - Leshan Radio Company LP9435LT3G Datasheet HTML 2Page - Leshan Radio Company LP9435LT3G Datasheet HTML 3Page - Leshan Radio Company LP9435LT3G Datasheet HTML 4Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M,1982
2. CONTROLLING DIMENSION: INCH.
INCHES
MILLIMETERS
DIM
MIN
MAX
MIN
MAX
A
0.1102
0.1197
2.80
3.04
B
0.0472
0.0551
1.20
1.40
C
0.0350
0.0440
0.89
1.11
D
0.0150
0.0200
0.37
0.50
G
0.0701
0.0807
1.78
2.04
H
0.0005
0.0040
0.013
0.100
J
0.0034
0.0070
0.085
0.177
K
0.0140
0.0285
0.35
0.69
L
0.0350
0.0401
0.89
1.02
S
0.0830
0.1039
2.10
2.64
V
0.0177
0.0236
0.45
0.60
SOT-23
D
J
K
L
A
C
B S
H
G
V
12
3
mm
inches
0.037
0.95
0.037
0.95
0.079
2.0
0.035
0.9
0.031
0.8
LESHAN RADIO COMPANY, LTD.
Rev .O 4/4
LP9435LT1G , S-LP9435LT1G



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com