Electronic Components Datasheet Search
  English  ▼

X  

XA Datasheet(PDF) 11 Page - Integrated Device Technology

Part # XA
Description  XA Family of Low Phase Noise Quartz-based PLL Oscillators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

XA Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button XA Datasheet HTML 7Page - Integrated Device Technology XA Datasheet HTML 8Page - Integrated Device Technology XA Datasheet HTML 9Page - Integrated Device Technology XA Datasheet HTML 10Page - Integrated Device Technology XA Datasheet HTML 11Page - Integrated Device Technology XA Datasheet HTML 12Page - Integrated Device Technology XA Datasheet HTML 13Page - Integrated Device Technology XA Datasheet HTML 14Page - Integrated Device Technology XA Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
11
©2018 Integrated Device Technology, Inc.
May 24, 2018
XA Datasheet
Orde ring I nform a t ion
XL
Family
 and ASIC
L
Output
 Type
5
Package
3
Voltage
5
Precision
125.000000
Frequency
I
Temperature
 Range
I: Industrial range: ‐ 40 to +85 °C (Grade 3)
K: Extended range : ‐40 to +105 °C (Grade 2)
125.000000
  listed in MHz as example
3
 digits before decimal and   6 digits after decimal
000.750000
  to 000.999999 75kHz to 999.999kHz
001.000000
  to 009.999999 1MHz to 9.999999MHz
010.000000
  to 099.999999 10MHz to 99.999999MHz
100.000000
  to 999.999999 100MHz to 999.999999MHz
A00.000000
  to A99.999999 1000MHz to 1099.999MHz
B00.000000
  to B99.999999 1100MHz to 1199.999MHz
C00.000000
  to C99.999999  1200MHz to 1299.999MHz
D00.000000
  to D50.000000 1300MHz to 1350MHz
0:
 ±100ppm**
5: ±50ppm**
6:
 ±25ppm
2:
 2.5 VDC ±5%
3: 3.3 VDC ±5%
3: 3.2 x 2.5 mm
5: 5.0 x 3.2 mm
H: HCMOS Enable/Disable Pin 1
L:
 LVDS Enable/Disable Pin 1
P:
 LVPECL Enable/Disable Pin 1
XA: 1,000 fs jitter
**
 ±100ppm and ±50ppm for K (‐40°C to +105°C) only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com