Electronic Components Datasheet Search
  English  ▼

X  

LTC6242IGN Datasheet(PDF) 11 Page - Linear Technology

Part # LTC6242IGN
Description  Dual/Quad 18MHz, Low Noise, Rail-to-Rail, CMOS Op Amps
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6242IGN Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC6242IGN Datasheet HTML 7Page - Linear Technology LTC6242IGN Datasheet HTML 8Page - Linear Technology LTC6242IGN Datasheet HTML 9Page - Linear Technology LTC6242IGN Datasheet HTML 10Page - Linear Technology LTC6242IGN Datasheet HTML 11Page - Linear Technology LTC6242IGN Datasheet HTML 12Page - Linear Technology LTC6242IGN Datasheet HTML 13Page - Linear Technology LTC6242IGN Datasheet HTML 14Page - Linear Technology LTC6242IGN Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
LTC6241/LTC6242
11
62412f
CAPACITIVE LOAD (pF)
10
60
50
40
30
20
10
0
100
1000
6241 G29
RS = 50Ω
RS = 10Ω
VS = ±2.5V
AV = –1
RS
1k
1k
CL
75pF
+
–
CAPACITIVE LOAD (pF)
10
60
50
40
30
20
10
0
100
1000
6241 G30
RS = 50Ω
RS = 10Ω
VS = ±2.5V
AV = –2
RS
500
Ω
1k
CL
75pF
+
–
OUTPUT STEP (V)
–4
–2
3
–3
1
0
–1
2
4
3.5
1.5
2.0
2.5
3.0
0
0.5
1.0
6241 G31
10mV
1mV
10mV
1mV
TA = 25°C
VS = ±5V
AV = 1
VOUT
VIN
1k
+
–
3.0
1.5
2.0
2.5
0
0.5
1.0
OUTPUT STEP (V)
–4
–2
3
–3
1
0
–1
2
4
6241 G32
10mV
1mV
10mV
1mV
TA = 25°C
VS = ±5V
AV = –1
VOUT
VIN
1k
+
–
1k
1k
FREQUENCY (Hz)
10k
100k
1M
10M
10
7
4
1
8
5
2
9
6
3
6241 G33
TA = 25°C
VS = ±5V
HD2, HD3 < –40dBc
AV = +2
AV = –1
Series Output Resistance and
Overshoot vs Capacitive Load
Series Output Resistance and
Overshoot vs Capacitive Load
Settling Time vs Output Step
(Non-Inverting)
Settling Time vs Output Step
(Inverting)
Maximum Undistorted Output
Signal vs Frequency
TYPICAL PERFOR A CE CHARACTERISTICS
0.1Hz to 10Hz Voltage Noise
TIME (1s/DIV)
6241 G11
VS = 5V, 0V
FREQUENCY (Hz)
1
10
100
10k
100k
6241 G42
0.1
1k
1000
100
TA = 25°C
VS = ±2.5V
VCM = 0V
Noise Current vs Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com