Electronic Components Datasheet Search
  English  ▼

X  

LTC6242IGN Datasheet(PDF) 17 Page - Linear Technology

Part # LTC6242IGN
Description  Dual/Quad 18MHz, Low Noise, Rail-to-Rail, CMOS Op Amps
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6242IGN Datasheet(HTML) 17 Page - Linear Technology

Back Button LTC6242IGN Datasheet HTML 13Page - Linear Technology LTC6242IGN Datasheet HTML 14Page - Linear Technology LTC6242IGN Datasheet HTML 15Page - Linear Technology LTC6242IGN Datasheet HTML 16Page - Linear Technology LTC6242IGN Datasheet HTML 17Page - Linear Technology LTC6242IGN Datasheet HTML 18Page - Linear Technology LTC6242IGN Datasheet HTML 19Page - Linear Technology LTC6242IGN Datasheet HTML 20Page - Linear Technology LTC6242IGN Datasheet HTML 21Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
LTC6241/LTC6242
17
62412f
of ±2% with 1% resistors. The upper –3dB frequency of
the amplifier is set by resistor R3 and capacitor C1 and
is limited by the bandwidth of the PGA when operated at
a gain of 64. Capacitor C2 is equal to C1 and is added to
maintain good common mode rejection at high frequency.
The lower –3dB frequency is set by the integrator resistor
R7, capacitor C3, and the gain setting of the LTC6910-2
PGA. This lower –3dB zero frequency is multiplied by the
PGA gain. The rail-to-rail output of the LTC6910-2 PGA
allows for a maximum output peak-to-peak voltage equal
to twice the VREF voltage. At the maximum gain setting of
64, the maximum peak-to-peak difference between inputs
V1 and V2 is equal to twice VREF divided by 64.
Example Design: Design a programmable gain AC differ-
ence amplifier, with a bandwidth 10Hz to 100kHz, an input
impedance equal or greater than 100kΩ, and an output
DC reference equal to 1V.
a. Select input resistors R1, R2, R3 and R4 equal to
100k.
b. If the upper –3dB frequency is 100kHz then C1 = 1/(2π
• R2 • f3dB) = 1/(6.28 • 100kΩ • 100kHz) = 15pF (to
the nearest 5% value) and C2 = C1 = 15pF.
c. Select R7 equal to one 1M and set the lower –3dB
frequency to 10Hz at the highest PGA gain of 64, then
C3 = Gain/(2π • R7 • f3dB) = 64/(6.28 • 100kΩ • 10Hz)
= 1uF. Lower gains settings will give a lower f3dB.
d. Calculate the value of R5 to set the LT6650 reference
equal to 1V;
VREF = 0.4(R5/R6 + 1), so R5 = R6(2.5VREF – 1). For
R6 = 20kΩ, R5 = 30kΩ
With VREF = 1V the maximum input difference voltage
is equal to 2V/64 = 31.2mV.
APPLICATIO S I FOR ATIO
40nVpp Noise, 0.05µV/°C Drift, Chopped FET
Amplifier
Figure 7’s circuit combines the 5V rail-to-rail performance
of the LTC6241 with a pair of extremely low noise JFETs
configured in a chopper based carrier modulation scheme
to achieve an extraordinarily low noise and low DC drift.
The performance of this circuit is suited for the demand-
ing transducer signal conditioning situations such as high
resolution scales and magnetic search coils.
The LTC1799’s output is divided down to form a 2-phase
925Hz square wave clock. This frequency, harmonically
unrelated to 60Hz, provides excellent immunity to harmonic
beating or mixing effects which could cause instabilities.
S1 and S2 receive complementary drive, causing A1 to
see a chopped version of the input voltage. A1’s square
wave output is synchronously demodulated by S3 and
S4. Because these switches are synchronously driven
with the input chopper, proper amplitude and polarity
information is presented to A2, the DC output amplifier.
This stage integrates the square wave into a DC voltage,
providing the output. The output is divided down (R2 and
R1) and fed back to the input chopper where it serves as
a zero signal reference. Gain, in this case 1000, is set by
the R1-R2 ratio. Because A1 is AC coupled, its DC offset
and drift do not affect the overall circuit offset, resulting
in the extremely low offset and drift noted. The JFETs
have an input RC damper that minimizes offset voltage
contribution due to parasitic switch behavior, resulting in
the 1µV offset specification.
The noise measured over a 50 second interval, in Figure 8,
is 40nV in a 0.1Hz to 10Hz bandwidth.This low noise is at-
tributed to the input JFET’s die size and current density.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com