Electronic Components Datasheet Search
  English  ▼

X  

IXBF20N360 Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXBF20N360
Description  High Voltage, High Frequency, BiMOSFETTM Monolithic Bipolar MOS Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXBF20N360 Datasheet(HTML) 2 Page - IXYS Corporation

  IXBF20N360 Datasheet HTML 1Page - IXYS Corporation IXBF20N360 Datasheet HTML 2Page - IXYS Corporation IXBF20N360 Datasheet HTML 3Page - IXYS Corporation IXBF20N360 Datasheet HTML 4Page - IXYS Corporation IXBF20N360 Datasheet HTML 5Page - IXYS Corporation IXBF20N360 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
IXYS Reserves the Right to Change Limits, Test Conditions and Dimensions.
IXBF20N360
IXYS MOSFETs and IGBTs are covered
4,835,592
4,931,844
5,049,961
5,237,481
6,162,665
6,404,065 B1
6,683,344
6,727,585
7,005,734 B2
7,157,338B2
by one or more of the following U.S. patents: 4,860,072
5,017,508
5,063,307
5,381,025
6,259,123 B1
6,534,343
6,710,405 B2 6,759,692
7,063,975 B2
4,881,106
5,034,796
5,187,117
5,486,715
6,306,728 B1
6,583,505
6,710,463
6,771,478 B2 7,071,537
Symbol Test Conditions
Characteristic Values
(T
J = 25°C Unless Otherwise Specified)
Min.
Typ.
Max.
g
fs
I
C = 20A, VCE = 10V, Note 1
10
17
S
C
ies
2045
pF
C
oes
V
CE = 25V, VGE = 0V, f = 1MHz
110
pF
C
res
50
pF
Q
g(on)
110
nC
Q
ge
I
C = 20A, VGE = 15V, VCE = 1000V
13
nC
Q
gc
43
nC
t
d(on)
18
ns
t
ri
14
ns
E
on
15.50
mJ
t
d(off)
238
ns
t
fi
206
ns
E
off
4.30
mJ
t
d(on)
20
ns
t
ri
22
ns
E
on
16.10
mJ
t
d(off)
247
ns
t
fi
216
ns
E
off
4.15
mJ
t
d(on)
30
ns
t
r
325
ns
t
d(off)
165
ns
t
f
1045
ns
t
d(on)
32
ns
t
r
890
ns
t
d(off)
185
ns
t
f
1100
ns
R
thJC
0.54 °C/W
R
thCS
0.15
°C/W
Inductive load, T
J = 25°C
I
C = 20A, VGE = 15V
V
CE = 1500V, RG = 10
Note 3
Inductive load, T
J = 125°C
I
C = 20A, VGE = 15V
V
CE = 1500V, RG = 10
Note 3
Notes:
1. Pulse test, t
 300μs, duty cycle, d  2%.
2. Device must be heatsunk for high-temperature leakage current
measurements to avoid thermal runaway.
3. Switching times & energy losses may increase for higher V
CE(clamp), TJ or RG.
ISOPLUS i4-PakTM (HV) Outline
Pin 1 = Gate
Pin2 = Emitter
Pin 3 = Collector
Tab 4 = Isolated
Reverse Diode
Symbol Test Conditions
Characteristic Values
(T
J = 25°C Unless Otherwise Specified)
Min.
Typ.
Max
V
F
I
F = 20A, VGE = 0V, Note 1
3.5
V
t
rr
1.7
μs
I
RM
35
A
Q
RM
30
μC
I
F = 10A, VGE = 0V, -diF/dt = 100A/μs
V
R = 100V, VGE = 0V
Resistive load, T
J = 25°C
I
C = 20A, VGE = 15V
V
CE = 960V, RG = 10
Resistive load, T
J = 125°C
I
C = 20A, VGE = 15V
V
CE = 960V, RG = 10
PRELIMANARYTECHNICAL
INFORMATION
The product presented herein is under
development. The Technical Specifica-
tions offered are derived from a subjec-
tive evaluation of the design, based upon
prior knowledge and experience, and
constitute a "considered reflection" of the
anticipated result. IXYS reserves the
right to change limits, test conditions, and
dimensions without notice.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com