Electronic Components Datasheet Search
  English  ▼

X  

IXBF50N360 Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXBF50N360
Description  BiMOSFETTM Monolithic Bipolar MOS Transistor High Voltage, High Frequency
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXBF50N360 Datasheet(HTML) 2 Page - IXYS Corporation

  IXBF50N360 Datasheet HTML 1Page - IXYS Corporation IXBF50N360 Datasheet HTML 2Page - IXYS Corporation IXBF50N360 Datasheet HTML 3Page - IXYS Corporation IXBF50N360 Datasheet HTML 4Page - IXYS Corporation IXBF50N360 Datasheet HTML 5Page - IXYS Corporation IXBF50N360 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
IXYS Reserves the Right to Change Limits, Test Conditions and Dimensions.
IXBF50N360
IXYS MOSFETs and IGBTs are covered
4,835,592
4,931,844
5,049,961
5,237,481
6,162,665
6,404,065 B1
6,683,344
6,727,585
7,005,734 B2
7,157,338B2
by one or more of the following U.S. patents: 4,860,072
5,017,508
5,063,307
5,381,025
6,259,123 B1
6,534,343
6,710,405 B2 6,759,692
7,063,975 B2
4,881,106
5,034,796
5,187,117
5,486,715
6,306,728 B1
6,583,505
6,710,463
6,771,478 B2 7,071,537
Symbol Test Conditions
Characteristic Values
(T
J = 25°C Unless Otherwise Specified)
Min.
Typ.
Max.
g
fs
I
C = 50A, VCE = 10V, Note 1
24
40
S
C
ies
3990
pF
C
oes
V
CE = 25V, VGE = 0V, f = 1MHz
195
pF
C
res
100
pF
Q
g(on)
210
nC
Q
ge
I
C = 50A, VGE = 15V, VCE = 1000V
27
nC
Q
gc
77
nC
t
d(on)
46
ns
t
r
420
ns
t
d(off)
205
ns
t
f
1750
ns
t
d(on)
44
ns
t
r
845
ns
t
d(off)
210
ns
t
f
1670
ns
R
thJC
0.43 °C/W
R
thCS
0.15
°C/W
Notes:
1. Pulse test, t
 300μs, duty cycle, d  2%.
2. Device must be heatsunk for high-temperature leakage current
measurements to avoid thermal runaway.
Resistive load, T
J = 25°C
I
C = 50A, VGE = 15V
V
CE = 960V, RG = 5
Resistive load, T
J = 125°C
I
C = 50A, VGE = 15V
V
CE = 960V, RG = 5
Reverse Diode
Symbol Test Conditions
Characteristic Values
(T
J = 25°C Unless Otherwise Specified)
Min.
Typ.
Max
V
F
I
F = 50A, VGE = 0V, Note 1
3.0
V
t
rr
1.7
μs
I
RM
48
A
Q
RM
40
μC
I
F = 25A, VGE = 0V, -diF/dt = 100A/μs
V
R = 100V, VGE = 0V
ADVANCETECHNICALINFORMATION
The product presented herein is under development. The Technical Specifications offered
are derived from a subjective evaluation of the design, based upon prior knowledge and
experience, and constitute a "considered reflection" of the anticipated result. IXYS reserves
the right to change limits, test conditions, and dimensions without notice.
ISOPLUS i4-PakTM (HV) Outline
Pin 1 = Gate
Pin2 = Emitter
Pin 3 = Collector
Tab 4 = Isolated
1
2
3
S
E
4
A
e1
U
A2
c
L
A1
D
b1
b
L1
Q
R
T
e



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com