Electronic Components Datasheet Search
  English  ▼

X  

IXBF50N360 Datasheet(PDF) 3 Page - IXYS Corporation

Part # IXBF50N360
Description  BiMOSFETTM Monolithic Bipolar MOS Transistor High Voltage, High Frequency
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXBF50N360 Datasheet(HTML) 3 Page - IXYS Corporation

  IXBF50N360 Datasheet HTML 1Page - IXYS Corporation IXBF50N360 Datasheet HTML 2Page - IXYS Corporation IXBF50N360 Datasheet HTML 3Page - IXYS Corporation IXBF50N360 Datasheet HTML 4Page - IXYS Corporation IXBF50N360 Datasheet HTML 5Page - IXYS Corporation IXBF50N360 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
© 2014 IXYS CORPORATION, All Rights Reserved
IXBF50N360
Fig. 1. Output Characteristics @ TJ = 25ºC
0
20
40
60
80
100
0
0.5
1
1.5
2
2.5
3
3.5
4
VCE - Volts
VGE = 25V
21V
17V
15V
13V
11V
7V
5V
9V
Fig. 2. Extended Output Characteristics @ TJ = 25ºC
0
50
100
150
200
250
300
0
5
10
15
20
25
VCE - Volts
VGE = 25V
19V
15V
9V
5V
11V
7V
13V
Fig. 3. Output Characteristics @ TJ = 125ºC
0
20
40
60
80
100
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
VCE - Volts
VGE = 25V
19V
15V
13V
11V
5V
7V
9V
Fig. 4. Dependence of VCE(sat) on
Junction Temperature
0.6
0.8
1.0
1.2
1.4
1.6
1.8
-50
-25
0
25
50
75
100
125
150
TJ - Degrees Centigrade
VGE = 15V
I C = 100A
I C = 50A
I C = 25A
Fig. 5. Collector-to-Emitter Voltage
vs. Gate-to-Emitter Voltage
1
2
3
4
5
6
7
6
7
8
9
10
1112
1314
15
VGE - Volts
I C = 100A
TJ = 25ºC
50A
25A
Fig. 6. Input Admittance
0
20
40
60
80
100
120
140
160
3
4
567
8
9
10
VGE - Volts
TJ = 125ºC
25ºC
- 40ºC



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com