Electronic Components Datasheet Search
  English  ▼

X  

TDA9910 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # TDA9910
Description  12-bit, up to 80 Msample/s, Analog-to-Digital Converter (ADC) direct/ultra high IF sampling
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9910 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button TDA9910 Datasheet HTML 9Page - NXP Semiconductors TDA9910 Datasheet HTML 10Page - NXP Semiconductors TDA9910 Datasheet HTML 11Page - NXP Semiconductors TDA9910 Datasheet HTML 12Page - NXP Semiconductors TDA9910 Datasheet HTML 13Page - NXP Semiconductors TDA9910 Datasheet HTML 14Page - NXP Semiconductors TDA9910 Datasheet HTML 15Page - NXP Semiconductors TDA9910 Datasheet HTML 16Page - NXP Semiconductors TDA9910 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
9397 750 14418
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Objective data sheet
Rev. 02 — 9 December 2004
13 of 21
Philips Semiconductors
TDA9910
12-bit, up to 80 Msample/s, Analog-to-Digital Converter (ADC)
where:
10.2 Dynamic parameters
Figure 7 shows the spectrum of a single tone full-scale input sine wave with frequency ft,
conforming to coherent sampling (ft/fs = M/N, with M number of cycles and N number of
samples, M and N being relatively prime), and digitized by the ADC under test.
Remark: In the following equations, Pnoise is the power of the terms which include the
effects of random noise, non-linearities, sampling time errors, and “quantization noise”.
10.2.1 SINAD (signal-to-noise and distortion)
The ratio of the output signal power to the noise plus distortion power for a given sample
rate and input frequency, excluding the DC component:
10.2.2 ENOB (effective number of bits)
It is derived from SINAD and gives the theoretical resolution an ideal ADC would require
to obtain the same SINAD measured on the real ADC. A good approximation gives:
10.2.3 THD (total harmonic distortion)
The ratio of the power of the harmonics to the power of the fundamental. For k
− 1
harmonics the THD is:
i0x 2
n
2
–
()
=
Fig 7.
Single tone spectrum of full-scale input sine wave with frequency ft.
a2
a3
ak
a1
SFDR
001aaa518
fs/2
measured output range (MHz)
magnitude
SINAD dB
[]
10log
10
P
signal
P
noise
distortion
+
----------------------------------------


=
ENOB
SINAD
1.76
–
6.02
----------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21