Electronic Components Datasheet Search
  English  ▼

X  

TDA9910 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # TDA9910
Description  12-bit, up to 80 Msample/s, Analog-to-Digital Converter (ADC) direct/ultra high IF sampling
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9910 Datasheet(HTML) 3 Page - NXP Semiconductors

  TDA9910 Datasheet HTML 1Page - NXP Semiconductors TDA9910 Datasheet HTML 2Page - NXP Semiconductors TDA9910 Datasheet HTML 3Page - NXP Semiconductors TDA9910 Datasheet HTML 4Page - NXP Semiconductors TDA9910 Datasheet HTML 5Page - NXP Semiconductors TDA9910 Datasheet HTML 6Page - NXP Semiconductors TDA9910 Datasheet HTML 7Page - NXP Semiconductors TDA9910 Datasheet HTML 8Page - NXP Semiconductors TDA9910 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
9397 750 14418
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Objective data sheet
Rev. 02 — 9 December 2004
3 of 21
Philips Semiconductors
TDA9910
12-bit, up to 80 Msample/s, Analog-to-Digital Converter (ADC)
6.
Pinning information
6.1 Pinning
6.2 Pin description
Fig 2.
Pin configuration.
TDA9910HW
n.c.
D0
AGND1
D1
IN
D2
CMADC
D3
INN
D4
AGND1
D5
DEC
D6
n.c.
D7
FSOUT
D8
FSIN
D9
n.c.
D10
n.c.
D11
DGND
001aaa512
1
2
3
4
5
6
7
8
9
10
11
12
36
35
34
33
32
31
30
29
28
27
26
25
Table 2:
Pin description
Symbol
Pin
Type [1]
Description
n.c.
1
-
not connected
AGND1
2
G
analog ground 1
IN
3
I
analog input voltage
CMADC
4
O
regulator common mode ADC output
INN
5
I
complementary analog input voltage
AGND1
6
G
analog ground 1
DEC
7
I/O
decoupling node
n.c.
8
-
not connected
FSOUT
9
O
full-scale reference voltage output
FSIN
10
I
full-scale reference voltage input
n.c.
11
-
not connected
n.c.
12
-
not connected
n.c.
13
-
not connected
DEL1
14
I
complete conversion signal delay input 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com