Electronic Components Datasheet Search
  English  ▼

X  

LDS8141 Datasheet(PDF) 2 Page - IXYS Corporation

Part # LDS8141
Description  6-Channel / 4-Channel High-Side Linear WLED Driver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

LDS8141 Datasheet(HTML) 2 Page - IXYS Corporation

  LDS8141 Datasheet HTML 1Page - IXYS Corporation LDS8141 Datasheet HTML 2Page - IXYS Corporation LDS8141 Datasheet HTML 3Page - IXYS Corporation LDS8141 Datasheet HTML 4Page - IXYS Corporation LDS8141 Datasheet HTML 5Page - IXYS Corporation LDS8141 Datasheet HTML 6Page - IXYS Corporation LDS8141 Datasheet HTML 7Page - IXYS Corporation LDS8141 Datasheet HTML 8Page - IXYS Corporation LDS8141 Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
LDS8161/41
© 2009 IXYS Corp.
2
Doc. No. 8141/61_DS, Rev. N1.0
Characteristics subject to change without notice
TYPICAL APPLICATION CIRCUITS
ABSOLUTE MAXIMUM RATINGS
Parameter
Rating
Unit
VIN, LEDx
6
V
EN, SDAT, SCLK, SADD voltage
VIN + 0.7V
V
Storage Temperature Range
-65 to +160
°C
Junction Temperature Range
-40 to +125
°C
Soldering Temperature
300
°C
HBM
2
kV
ESD Protection Level
MM
200
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com