Electronic Components Datasheet Search
  English  ▼

X  

LDS8141 Datasheet(PDF) 21 Page - IXYS Corporation

Part # LDS8141
Description  6-Channel / 4-Channel High-Side Linear WLED Driver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

LDS8141 Datasheet(HTML) 21 Page - IXYS Corporation

Back Button LDS8141 Datasheet HTML 14Page - IXYS Corporation LDS8141 Datasheet HTML 15Page - IXYS Corporation LDS8141 Datasheet HTML 16Page - IXYS Corporation LDS8141 Datasheet HTML 17Page - IXYS Corporation LDS8141 Datasheet HTML 18Page - IXYS Corporation LDS8141 Datasheet HTML 19Page - IXYS Corporation LDS8141 Datasheet HTML 20Page - IXYS Corporation LDS8141 Datasheet HTML 21Page - IXYS Corporation LDS8141 Datasheet HTML 22Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
LDS8161/41
© 2009 IXYS Corp.
21
Doc. No. 8141/61_DS, Rev. N1.0
Characteristics subject to change without notice
Table 10 Dynamic Mode Dimming in Logarithmic Mode vs. register 05h data
Continue
192
C0
-11.6
73.46
224
E0
-5.7
47.68
193
C1
-11.3
72.68
225
E1
-5.4
46.12
194
C2
-11.1
71.90
226
E2
-5.2
44.56
195
C3
-10.9
71.12
227
E3
-4.9
42.99
196
C4
-10.6
70.34
228
E4
-4.7
41.43
197
C5
-10.4
69.56
229
E5
-4.5
39.87
198
C6
-10.2
68.77
230
E6
-4.3
38.31
199
C7
-10
67.99
231
E7
-4
36.74
200
C8
-9.8
67.21
232
E8
-3.8
35.18
201
C9
-9.5
66.43
233
E9
-3.6
33.62
202
CA
-9.3
65.65
234
EA
-3.4
32.06
203
CB
-9.2
64.87
235
EB
-3.2
30.49
204
CC
-9
64.09
236
EC
-3
28.93
205
CD
-8.8
63.31
237
ED
-2.8
27.37
206
CE
-8.6
62.52
238
EE
-2.7
25.81
207
CF
-8.4
61.74
239
EF
-2.5
24.24
208
D0
-8.2
60.96
240
F0
-2.3
22.68
209
D1
-8.1
60.18
241
F1
-2.1
21.12
210
D2
-7.9
59.40
242
F2
-2
19.56
211
D3
-7.7
58.62
243
F3
-1.8
17.99
212
D4
-7.6
57.84
244
F4
-1.6
16.43
213
D5
-7.4
57.06
245
F5
-1.5
14.87
214
D6
-7.3
56.27
246
F6
-1.3
13.31
215
D7
-7.1
55.49
247
F7
-1.2
11.74
216
D8
-6.9
54.71
248
F8
-1
10.18
217
D9
-6.8
53.93
249
F9
-0.8
8.62
218
DA
-6.7
53.15
250
FA
-0.7
7.06
219
DB
-6.5
52.37
251
FB
-0.6
5.49
220
DC
-6.4
51.59
252
FC
-0.4
3.93
221
DD
-6.2
50.81
253
FD
-0.3
2.37
222
DE
-6.1
50.02
254
FE
-0.1
0.81
223
DF
-6
49.24
255
FF
0
0.00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com