Electronic Components Datasheet Search
  English  ▼

X  

LDS8681 Datasheet(PDF) 1 Page - IXYS Corporation

Part # LDS8681
Description  800 mA, Dual Output LED Flash/PWM Dimming Lamp Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

LDS8681 Datasheet(HTML) 1 Page - IXYS Corporation

  LDS8681 Datasheet HTML 1Page - IXYS Corporation LDS8681 Datasheet HTML 2Page - IXYS Corporation LDS8681 Datasheet HTML 3Page - IXYS Corporation LDS8681 Datasheet HTML 4Page - IXYS Corporation LDS8681 Datasheet HTML 5Page - IXYS Corporation LDS8681 Datasheet HTML 6Page - IXYS Corporation LDS8681 Datasheet HTML 7Page - IXYS Corporation LDS8681 Datasheet HTML 8Page - IXYS Corporation LDS8681 Datasheet HTML 9Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
LDS8681
© 2009 IXYS Corp.
1
Doc. No. 8681_DS, Rev. N1.0
Characteristics subject to change without notice
800 mA, Dual Output LED Flash/PWM Dimming Lamp Driver
FEATURES
o
1-x and 2-x Charge Pump modes
o
Supply voltage range from 2.7 to 5.5 V
o
Low dropout PowerLite
™ Current Regulator*
o
Drives up to 2 LEDs at 400 mA
simultaneously or one LED at 800 mA
o
Power efficiency up to 90%
o
Low current shutdown mode < 1 µA
o
Short circuit current limiting
o
Thermal shutdown protection
o
Available 8-pin 2 x 3 x 0.8 mm 8-pin TDFN
package
APPLICATION
o
White LED photoflash for digital cameras,
cell phones, Smart Phones, and other
portable devices
DESCRIPTION
The LDS8681 is a high efficiency regulated charge
pump with low dropout voltage that can drive two
LEDs at 400 mA each simultaneously or one LED at
800 mA. Low dropout PowerLite
™ Current Regulator
(PCR) increases device’s efficiency up to 90%.
The EN logic input functions as a chip enable.
The LEDs current is programmed at 400 mA for both
channels in the factory. Please, consult factory about
other current values. Each LED current can be
programmed separately in the factory from 52 to
800 mA in 25 mA steps for LEDA and in the range
from 52 to 400 mA for LEDB
The regulated charge pump supports a wide input
voltage range from 2.7 V to 5.5 V.
The device is available in 8-lead TDFN 2 mm x 3 mm
package with a max height of 0.8 mm.
TYPICAL APPLICATION CIRCUIT


Similar Part No. - LDS8681

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
LDS8680 IXYS-LDS8680 Datasheet
412Kb / 12P
800 mA White LED Driver for Photo Flash
More results

Similar Description - LDS8681

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9925 SUTEX-HV9925 Datasheet
1Mb / 10P
Programmable-Current LED Lamp Driver IC with PWM Dimming
logo
Linear Technology
LT3492 LINER-LT3492 Datasheet
335Kb / 20P
Triple Output LED Driver with 3000:1 PWM Dimming
LT3492 LINER-LT3492_15 Datasheet
335Kb / 22P
Triple Output LED Driver with 3000:1 PWM Dimming
logo
Supertex, Inc
HV9925-08 SUTEX-HV9925-08 Datasheet
1Mb / 10P
Programmable-Current LED Lamp Driver IC with PWM Dimming
logo
IXYS Corporation
LDS8620 IXYS-LDS8620 Datasheet
245Kb / 12P
200 mA, Dual Output LED Flash/Lamp Driver
LDS8621 IXYS-LDS8621 Datasheet
208Kb / 8P
200 mA, Dual Output LED Flash/Lamp Driver
LDS8680 IXYS-LDS8680 Datasheet
412Kb / 12P
800 mA White LED Driver for Photo Flash
logo
Princeton Technology Co...
PT6989 PTC-PT6989 Datasheet
279Kb / 4P
BUCK LED DRIVER WITH PWM DIMMING
logo
Lowpower Semiconductor ...
LP3350 POWER-LP3350 Datasheet
324Kb / 7P
LED Driver with PWM Dimming Control
logo
Shenzhen Huazhimei Semi...
HM7138 HMSEMI-HM7138 Datasheet
375Kb / 7P
PWM dimming LED constant current driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com