Electronic Components Datasheet Search
  English  ▼

X  

LDS8681 Datasheet(PDF) 6 Page - IXYS Corporation

Part # LDS8681
Description  800 mA, Dual Output LED Flash/PWM Dimming Lamp Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

LDS8681 Datasheet(HTML) 6 Page - IXYS Corporation

  LDS8681 Datasheet HTML 1Page - IXYS Corporation LDS8681 Datasheet HTML 2Page - IXYS Corporation LDS8681 Datasheet HTML 3Page - IXYS Corporation LDS8681 Datasheet HTML 4Page - IXYS Corporation LDS8681 Datasheet HTML 5Page - IXYS Corporation LDS8681 Datasheet HTML 6Page - IXYS Corporation LDS8681 Datasheet HTML 7Page - IXYS Corporation LDS8681 Datasheet HTML 8Page - IXYS Corporation LDS8681 Datasheet HTML 9Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
LDS8681
© 2009 IXYS Corp.
6
Doc. No. 8681_DS, Rev. N1.0
Characteristics subject to change without notice
Unused LED Channels
For applications with only one LED, unused channel
can be connected to VOUT or both channels may be
teed together to provide sum of the currents set at
each channel.
Protection Modes
The LDS8681 has follow protection modes:
1. LED short to VOUT protection
If LED pin is shorted to VOUT, LED burned out
becomes as short circuit, or LED pin voltage is within
from
VOUT to (VOUT - 1.5V)
range,
LDS8681
recognizes this condition as “LED Short” and disables
this channel. If LED pin voltage is less than (Vout –
1.5V),
LDS8681
restores
LED
current
at
this
particular channel to programmed value.
2. VOUT Over-Voltage Protection
The charge pump’ output voltage VOUT automatically
limits at about 5.9 V maximum. This is to prevent the
output pin from exceeding its absolute maximum
rating.
3. VOUT Short Circuit Protection
If VOUT is shorted to ground before LDS8681 is
enabled, input current may increase up to 1 A within
20 µs after enable and is limited to ~ 90 mA after
that.
4. Over-Temperature Protection
If the die temperature exceeds +160°C, the driver will
enter
shutdown
mode. Device
restores
normal
operation after die temperature falls below 135°C.
5. Input Voltage Under-Voltage Lockout
If VIN falls below 2.3 V but above 1.7 V (typical value),
LDS8681 will restart when input voltage rises above
2.3 V called lockout mode. If VIN continues fall below
1.7 V, LDS8681 device will enter shutdown mode..
To restart device, set EN pin logic low for more than
50 ms and logic high after that..
6. Open LED Definition
When LED becomes an open circuit, device will enter
into 2-x mode unless this unused LED channel is
connected to VOUT directly.
LED Selection
If the power source is a Li-ion battery, LEDs with
lowest forward voltages are recommended to achieve
highest efficiency and extended operation on a single
battery charge.
LEDs with forward voltages (VF) ranging from 1.6 V to
4 V may be used. Charge pump operates in highest
efficiency when VF voltage is close to VIN voltage
multiplied by switching mode, i.e. VIN x 1 or VIN x 2
External Components
The driver requires three external ceramic capacitors
(C1, CIN, and COUT) X5R or X7R type. In 2-x charge
pump mode, an input bypass capacitor of 1µF is
sufficient.
In 1x mode, the device operates in linear mode and
does not introduce switching noise back onto the
supply.
Recommended Layout
In charge pump mode, the driver switches internally
at a high frequency. It is recommended to minimize
trace length to all capacitors. A ground plane should
cover the area under the driver IC as well as the
bypass capacitors. Short connection to ground on
capacitors CIN and COUT can be implemented with the
use of multiple via. A copper area matching the
TDFN exposed pad (PAD) must be connected to the
ground plane underneath. The use of multiple via
improves the package heat dissipation (see figure
below).
The ground plane on the top layer is connected to the
ground plane on the bottom layer through two vias to
imporove power dissipation.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com