Electronic Components Datasheet Search
  English  ▼

X  

MCT2 Datasheet(PDF) 4 Page - Everlight Electronics Co., Ltd

Part # MCT2
Description  6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

MCT2 Datasheet(HTML) 4 Page - Everlight Electronics Co., Ltd

  MCT2 Datasheet HTML 1Page - Everlight Electronics Co., Ltd MCT2 Datasheet HTML 2Page - Everlight Electronics Co., Ltd MCT2 Datasheet HTML 3Page - Everlight Electronics Co., Ltd MCT2 Datasheet HTML 4Page - Everlight Electronics Co., Ltd MCT2 Datasheet HTML 5Page - Everlight Electronics Co., Ltd MCT2 Datasheet HTML 6Page - Everlight Electronics Co., Ltd MCT2 Datasheet HTML 7Page - Everlight Electronics Co., Ltd MCT2 Datasheet HTML 8Page - Everlight Electronics Co., Ltd MCT2 Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
DATASHEET
6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
TIL11X Series
MCT2X Series
4
Copyright © 2010, Everlight All Rights Reserved. Release Date : May 23, 2013. Issue No: DPC-0000048 Rev.4
www.everlight.com
Transfer Characteristics
Parameter
Symbol
Min
Typ.
Max.
Unit
Condition
Collector-Emitter
saturation voltage
All
VCE(sat)
-
-
0.4
V
IF = 16mA , IC = 2mA
TIL117
-
-
0.4
IF = 10mA , IC = 0.5mA
Isolation resistance
RIO
10
11
-
-
Ω
VIO = 500Vdc
Input-output capacitance
CIO
-
-
2
pF
VIO = 0, f = 1MHz
Turn-on time
TIL117
Ton
-
10
12
µs
VCC = 10V,
IC = 2mA, RL = 100Ω
Turn-off time
TIL117
Toff
-
9
12
Rise time
TIL117
TIL111
tr
-
6
10
Fall time
TIL117
TIL111
tf
-
8
10
Turn-on time
MCT2
MCT2E
Ton
-
3
10
µs
VCC = 10V,
IF = 10mA, RL = 100Ω
Turn-off time
MCT2
MCT2E
Toff
-
3
10
Rise time
MCT2
MCT2E
tr
-
3
10
Fall time
MCT2
MCT2E
tf
-
3
10
* Typical values at Ta = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com