Electronic Components Datasheet Search
  English  ▼

X  

MCT2 Datasheet(PDF) 1 Page - Everlight Electronics Co., Ltd

Part # MCT2
Description  6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

MCT2 Datasheet(HTML) 1 Page - Everlight Electronics Co., Ltd

  MCT2 Datasheet HTML 1Page - Everlight Electronics Co., Ltd MCT2 Datasheet HTML 2Page - Everlight Electronics Co., Ltd MCT2 Datasheet HTML 3Page - Everlight Electronics Co., Ltd MCT2 Datasheet HTML 4Page - Everlight Electronics Co., Ltd MCT2 Datasheet HTML 5Page - Everlight Electronics Co., Ltd MCT2 Datasheet HTML 6Page - Everlight Electronics Co., Ltd MCT2 Datasheet HTML 7Page - Everlight Electronics Co., Ltd MCT2 Datasheet HTML 8Page - Everlight Electronics Co., Ltd MCT2 Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1
Copyright © 2010, Everlight All Rights Reserved. Release Date : May 23, 2013. Issue No: DPC-0000048 Rev. 4
www.everlight.com
6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
TIL11X Series
MCT2X Series
Features:
• TIL11X series: TIL111, TIL117
• MCT2X series: MCT2, MCT2E
• High isolation voltage between input and output
Viso = 5000 Vrms
• Creepage distance >7.6mm
• Compact dual-in-line package
• Operating temperature up to +110°C
• Pb free and RoHS compliant.
• UL approved (No. E214129)
• VDE approved (No. 132249)
• SEMKO approval
• NEMKO approved
• DEMKO approved
• FIMKO approved
• CSA approved
• CQC approved
Description
The TIL11X series and MCT2X series of devices each consist of an infrared emitting diode
optically coupled to a phototransistor detector.
They are packaged in a 6-pin DIP package and available in wide-lead spacing and SMD option.
Applications
Power supply regulators
Digital logic inputs
Microprocessor inputs
Appliance system
Industrial controls
Schematic
Pin Configuration
1. Anode
2. Cathode
3. No Connection
4. Emitter
5. Collector
6. Base


Similar Part No. - MCT2

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCT2 MOTOROLA-MCT2 Datasheet
267Kb / 6P
6-Pin DIP Optoisolators Transistor Output
logo
QT Optoelectronics
MCT2 QT-MCT2 Datasheet
550Kb / 5P
PHOTOTRANSISTOR OPTOCOUPLER
logo
Fairchild Semiconductor
MCT2 FAIRCHILD-MCT2 Datasheet
619Kb / 15P
PHOTOTRANSISTOR OPTOCOUPLERS
logo
Texas Instruments
MCT2 TI-MCT2 Datasheet
106Kb / 7P
OPTOCOUPLERS
logo
Infineon Technologies A...
MCT2 INFINEON-MCT2 Datasheet
408Kb / 6P
Industry Standard Single Channel 6 Pin DIP Optocoupler
March 27, 2000-00
More results

Similar Description - MCT2

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
4N2X EVERLIGHT-4N2X Datasheet
364Kb / 13P
6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
4N2X EVERLIGHT-4N2X_08 Datasheet
394Kb / 13P
6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
H11AAX EVERLIGHT-H11AAX Datasheet
408Kb / 12P
6 PIN DIP PHOTOTRANSISTOR AC INPUT PHOTOCOUPLER
CNY17-X EVERLIGHT-CNY17-X Datasheet
400Kb / 13P
6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
TIL11X EVERLIGHT-TIL11X Datasheet
419Kb / 13P
6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
logo
Sharp Corporation
PC715V0NSZXF SHARP-PC715V0NSZXF Datasheet
217Kb / 13P
DIP 6 pin Darlington Phototransistor Output Photocoupler
logo
Everlight Electronics C...
H11AA1S1 EVERLIGHT-H11AA1S1 Datasheet
1Mb / 12P
6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER AC INPUT PHOTOCOUPLER
H11AAX EVERLIGHT-H11AAX_15 Datasheet
828Kb / 12P
6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
CNY17-X EVERLIGHT-CNY17-X_13 Datasheet
1Mb / 13P
6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
May 23, 2013
4N2X EVERLIGHT-4N2X_13 Datasheet
1Mb / 13P
6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com