Electronic Components Datasheet Search
  English  ▼

X  

5P4SMA Datasheet(PDF) 4 Page - NEC

Part # 5P4SMA
Description  P gate all Diffused mold type Thyristor granted 5 A on-state Average current, with rated Voltages up to 600V
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

5P4SMA Datasheet(HTML) 4 Page - NEC

  5P4SMA Datasheet HTML 1Page - NEC 5P4SMA Datasheet HTML 2Page - NEC 5P4SMA Datasheet HTML 3Page - NEC 5P4SMA Datasheet HTML 4Page - NEC 5P4SMA Datasheet HTML 5Page - NEC 5P4SMA Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Data Sheet D17163EJ3V0DS
4
5P4SMA,5P6SMA
Figure 7. iGT vs.
τ CHARACTERISTIC
Figure 8.
νGT vs.- τ CHARACTERISTIC
1000
100
10
1
0.1
1
1000
100
10
TA = 25˚C
1.0
0.8
0.6
0.4
0.2
0
1
1000
100
10
TA = 25˚C
τ - Pulse Width -
µs
τ - Pulse Width -
µs
Figure 9. IH vs. TA CHARACTERISTIC
Figure 10. PT(AV) vs. IT(AV) CHARACTERISTIC
20
10
0
−40
−20
100
80
60
40
20
0
20
18
16
14
12
10
8
6
4
2
0
012
10
8
6
4
2
0˚
180˚
θ
Conduction angle
60˚
30˚
120˚
90˚
DC
= 180˚
θ
TA - Ambient Temperature - °C
IT(AV) - Average On-state Current - A
Figure 11. TC vs. IT(AV) RATING
Figure 12. TA vs. IT(AV) RATING
140
120
100
80
60
40
20
0
012
10
8
6
4
2
0˚
180˚
θ
Conduction angle
30˚
60˚
90˚
120˚
DC
= 180˚
θ
140
120
100
80
60
40
20
0
0
2.0
1.0
0˚
180˚
θ
Conduction angle
30˚
60˚
90˚
120˚
DC
= 180˚
θ
IT(AV) - Average On-state Current - A
IT(AV) - Average On-state Current - A



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com