Electronic Components Datasheet Search
  English  ▼

X  

5P4SMA Datasheet(PDF) 1 Page - NEC

Part # 5P4SMA
Description  P gate all Diffused mold type Thyristor granted 5 A on-state Average current, with rated Voltages up to 600V
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

5P4SMA Datasheet(HTML) 1 Page - NEC

  5P4SMA Datasheet HTML 1Page - NEC 5P4SMA Datasheet HTML 2Page - NEC 5P4SMA Datasheet HTML 3Page - NEC 5P4SMA Datasheet HTML 4Page - NEC 5P4SMA Datasheet HTML 5Page - NEC 5P4SMA Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all products and/or types are available in every country. Please check with an NEC Electronics
sales representative for availability and additional information.
THYRISTORS
5P4SMA,5P6SMA
5 A MOLD ISOLATED SCR
DATA SHEET
Document No. D17163EJ3V0DS00 (3rd edition)
(Previous No. SC-2101)
Date Published June 2004 NS CP(K)
Printed in Japan
1988
The mark
shows major revised points.
DESCRIPTION
The 5P4SMA and 5P6SMA are P gate all diffused mold type
thyristor granted 5 A on-state average current (TC = 94°C), with
rated voltages up to 600 V.
FEATURES
• Mold isolated plastic package
• 80 A surge current
• High voltage: VDRM, VRRM = 400 V (5P4SMA)
VDRM, VRRM = 600 V (5P6SMA)
APPLICATIONS
• Motor speed control for household appliance
• Temperature control for heater and constant temperature box
• Constant voltage power source and battery charger
• Automotive application such as regulator
• Various solid state relay, etc.
PACKAGE DRAWING (Unit: mm)
10.5 MAX.
7 ±0.2
3.2 ±0.2
φ
3.0 MAX.
1.3 ±0.2
0.8 ±0.1
2.54 TYP.
2.54 TYP.
1.5 ±0.2
4.7 MAX.
2.5 ±0.1
0.5 ±0.1
12 3
1: Cathode
2: Anode
3: Gate
Standard weight: 2 g
*
*
: TC test bench-mark


Similar Part No. - 5P4SMA

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
5P4SMA KERSEMI-5P4SMA Datasheet
1Mb / 5P
Motor speed control for household appliance
logo
Renesas Technology Corp
5P4SMA RENESAS-5P4SMA Datasheet
406Kb / 8P
5 A RESIN MOLD TYPE SCR
1988
5P4SMA RENESAS-5P4SMA Datasheet
1Mb / 8P
THYRISTORS
1988
More results

Similar Description - 5P4SMA

ManufacturerPart #DatasheetDescription
logo
NEC
03P2J NEC-03P2J Datasheet
298Kb / 4P
ALL DIFFUSED TYPE SCR POWER MINI MOLD
8P4J NEC-8P4J Datasheet
635Kb / 6P
8 A MOLD THYRISTOR
03P2M NEC-03P2M Datasheet
462Kb / 4P
0.47 A(R.M.S.)ALL DIFFUSED MOLD TYPE SCR
5P4J NEC-5P4J Datasheet
1Mb / 6P
5 A SMALL MOLD THYRISTOR
logo
New Jersey Semi-Conduct...
BTY79 NJSEMI-BTY79 Datasheet
102Kb / 3P
Average on-state current
logo
Infineon Technologies A...
ILD6070 INFINEON-ILD6070 Datasheet
1Mb / 24P
Capable to provide up to 0.7 A average output current
ILD6150 INFINEON-ILD6150 Datasheet
1Mb / 25P
Capable to provide up to 1.5 A average output current
6MS24017P43W41646 INFINEON-6MS24017P43W41646 Datasheet
1Mb / 9P
IGBT Stack for typical voltages up to 690 VRMS Rated output current 1175RMS
2017-06-27 revision:2.0
logo
Renesas Technology Corp
5P4SMA RENESAS-5P4SMA Datasheet
406Kb / 8P
5 A RESIN MOLD TYPE SCR
1988
AC05DSMA RENESAS-AC05DSMA Datasheet
421Kb / 8P
5 A RESIN MOLD TYPE TRIAC
April 1st, 2010
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com