Electronic Components Datasheet Search
  English  ▼

X  

IXS839 Datasheet(PDF) 10 Page - IXYS Corporation

Part # IXS839
Description  Synchronous Buck MOSFET Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXS839 Datasheet(HTML) 10 Page - IXYS Corporation

Back Button IXS839 Datasheet HTML 3Page - IXYS Corporation IXS839 Datasheet HTML 4Page - IXYS Corporation IXS839 Datasheet HTML 5Page - IXYS Corporation IXS839 Datasheet HTML 6Page - IXYS Corporation IXS839 Datasheet HTML 7Page - IXYS Corporation IXS839 Datasheet HTML 8Page - IXYS Corporation IXS839 Datasheet HTML 9Page - IXYS Corporation IXS839 Datasheet HTML 10Page - IXYS Corporation IXS839 Datasheet HTML 11Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
IXYS
10
IXS839 / IXS839A / IXS839B
Theory of Operation
The IXS839/839A/839B are dual MOSFET drivers,
designed to drive two external N-channel power
MOSFETs. The low-side driver is designed to drive
a non-floating N-channel power MOSFET and its
output is out of phase with the PWM input. The
high-side driver is designed to drive a floating N-
channel power MOSFET and its output is in phase
with the PWM input. An external bootstrap circuit
provides the floating power supply to the high-side
driver.
The bootstrap circuit consists of a Schottky diode
and a boost capacitor. When the PWM input
transitions to a logic low, the low-side power
MOSFET turns ON, the SW node is pulled to
ground, and the bootstrap capacitor is charged to
VDD through the Schottky diode. When the PWM
transitions to a logic high, the high side power
MOSFET begins to turn on and the SW node rises
up to the input supply, VIN. In turn the boost
capacitor raises the BST node voltage to a level
equal to the input supply plus the boost capacitor
voltage, providing sufficient voltage to the BST
node to turn on the High-Side Power MOSFET. An
internal
cross-conduction
prevention
circuit
monitors both gate driver outputs and allows each
driver output to turn ON only when the other output
driver turns OFF and falls below 1V.
The
IXS839A
is
a
cost
reduced
Driver,
differentiated by the absence of the undervoltage
lockout protection circuit featured in the IXS839 and
IXS839B. IXS839A/B must be enabled using the
SD terminal when the driver supply reaches the
operating range. SD can be used to turn off both
driver outputs to prevent the rapid discharge of the
buck converter output capacitors. An additional
terminal, LSD can be used to turn off the Low-Side
Gate Driver Output. The High-Side Gate Driver
remains active in this mode.
Detailed Circuit Description
(Refer to the Application Diagrams)
The PMW input signal controls both the High Side
and Low Side power MOSFET drivers. The Power
MOSFETs are driven so that the SW node follows
the polarity of the PWM signal.
Low-Side Gate Driver
The Low-Side Gate Driver is designed to drive a
ground referenced N-Channel Power MOSFET. In
a synchronous buck converter application, it drives
the gate of the synchronous rectifier FET, (Q2).
When
the
driver
is
enabled,
(IXS839A/B
SD=LSD=VDD), the driver output is 180˚ out of
phase with the PWM input. The internal overlap
protection circuit monitors the High-Side Gate
Driver, and allows the Low-Side Gate Driver to turn
on only when the High-Side Gate Driver output falls
below 1.0 Volt. The supply rails for the Low-Side
Gate Driver are VDD and PGND.
High-Side Gate Driver
The High-Side Gate Driver is designed to drive a
floating N-Channel Power MOSFET referenced to
SW. In a synchronous buck converter application, it
drives the gate of the high side power MOSFET,
(Q1).
When the driver is enabled (IXS839A/B
SD=VDD), the driver output is in phase with the
PWM input. The bootstrap supply rails for the High-
Side Gate Driver are BST and SW, and are
generated by an external bootstrap circuit. The
bootstrap circuit consists of a Schottky diode
DBST, and a bootstrap capacitor CBST. During
start up, the SW pin is at ground and the bootstrap
capacitor CBST charges up to VDD through the
Schottky diode DBST. When the PWM input
transitions high the High-Side Gate Driver begins to
turn Q1 ON by transferring charge from the
bootstrap capacitor CBST to the gate of Q1. As Q1
turns on the SW pin will rise up to VIN, forcing the
BST pin to VIN + VBOOSTCAP. This supplies the
required gate to source voltage to Q1. When PWM
transitions low the High-Side Driver and in turn Q1
switch off. When SW falls below 1 Volt the Low-
Side Gate Driver turns on and recharges the
bootstrap capacitor which completes the cycle.
Overlap Protection Circuit
The overlap protection circuit (OPC) monitors the
High Side and Low Side Gate Driver Outputs and
prevents both main power switches, Q1 and Q2,
from being ON at the same time. This inhibits
excessive shoot-through currents and minimizes
the associated losses.
When the PWM input transitions low, Q1 begins to
turn OFF, and Q2 turns ON only when the High-
Side Gate Driver output falls below 1 volt. By



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com