Electronic Components Datasheet Search
  English  ▼

X  

IXS839 Datasheet(PDF) 5 Page - IXYS Corporation

Part # IXS839
Description  Synchronous Buck MOSFET Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXS839 Datasheet(HTML) 5 Page - IXYS Corporation

  IXS839 Datasheet HTML 1Page - IXYS Corporation IXS839 Datasheet HTML 2Page - IXYS Corporation IXS839 Datasheet HTML 3Page - IXYS Corporation IXS839 Datasheet HTML 4Page - IXYS Corporation IXS839 Datasheet HTML 5Page - IXYS Corporation IXS839 Datasheet HTML 6Page - IXYS Corporation IXS839 Datasheet HTML 7Page - IXYS Corporation IXS839 Datasheet HTML 8Page - IXYS Corporation IXS839 Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
IXYS
5
IXS839 / IXS839A / IXS839B
Electrical Characteristics
High Side Gate Driver Circuit
TA = -40°C to 85°C, VDD = 5V, 4V < VBST < 26V
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
High Side Gate-Driver
On-Resistance, Sourcing
Current
RHGD_SRC
VBST – VSW = 4.6V
2.2
Ω
High Side Gate-Driver
On-Resistance, Sinking
Current
RHGD_SNK
VBST – VSW = 4.6V
1.2
Ω
High Side Gate-Driver
(1)
Rise-Time
tR_HGD
CLOAD = 3nF
TR_HGD measured from 10% to
90% of (VHGD - VSW)
20
nS
High Side Gate-Driver
(1)
Fall-Time
tF_HGD
CLOAD = 3nF
TF_HGD measured from 90% to
10% of (VHGD - VSW)
15
nS
35
nS
Propagation Delay
(1)
tPD_HGD1
tPD_HGD2
CLOAD_HGD = CLOAD_LGD = 3nF
CDLY = 0pF
50
nS
Low Side Gate Driver Circuit
TA = -40°C to 85°C, VDD = 5V, 4V < VBST < 26V
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Low Side Gate-Driver
On-Resistance, Sourcing
Current
RLGD_SRC
VDD – VPGND = 4.6V
2
Ω
Low Side Gate-Driver
On-Resistance, Sinking
Current
RLGD_SNK
VDD – VPGND = 4.6V
1
Ω
Low Side Gate-Driver
(1)
Rise-Time
tR_LGD
CLOAD = 3nF
TR_LGD measured from 10% to
90% of (VLGD – VPGND)
18
nS
Low Side Gate-Driver
(1)
Fall-Time
tF_LGD
CLOAD = 3nF
TF_LGD measured from 90% to
10% of (VLGD - VSW)
12
nS
60
nS
Propagation Delay
(1)
tPD_LGD1
tPD_LGD2
CLOAD_HGD = CLOAD_LGD = 3nF
CDLY = 0pF
20
nS
Shut Down Circuit Characteristics
TA = -40°C to 85°C, VDD = 5V, 4V < VBST < 26V
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Propagation Delay
(2)
tPD_LGDSD1
25
50
nS
Propagation Delay
(2)
tPD_LGDSD2
10
20
nS
Propagation Delay
(3)
tPD_GDSD1
400
800
nS
Propagation Delay
(3)
tPD_GDSD2
800
1200
nS
*Notes:
(1) See Timing Diagram in Figure 4
(2) See Timing Diagram in Figure 5
(3) See Timing Diagram in Figure 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com