Electronic Components Datasheet Search
  English  ▼

X  

LTC4413 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC4413
Description  Dual 2.6A, 2.5V to 5.5V, Ideal Diodes in 3mm 3mm DFN
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4413 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC4413 Datasheet HTML 4Page - Linear Technology LTC4413 Datasheet HTML 5Page - Linear Technology LTC4413 Datasheet HTML 6Page - Linear Technology LTC4413 Datasheet HTML 7Page - Linear Technology LTC4413 Datasheet HTML 8Page - Linear Technology LTC4413 Datasheet HTML 9Page - Linear Technology LTC4413 Datasheet HTML 10Page - Linear Technology LTC4413 Datasheet HTML 11Page - Linear Technology LTC4413 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
LTC4413
4413f
APPLICATIO S I FOR ATIO
Figure 5
Figure 3
Figure 4
LTC4413
IDEAL
ENBA
2
4
3,11
1
5
10
9
6
ENBB
STAT
GND
INA
OUTA
BATA
1-CELL Li-Ion
R1
1000k
R2
200k
RSTAT
470k
C1:C1206C106K8PAC
C2:C1206C475K8PAC
C2
4.7µF
4413 F03
TO
LOAD
WALL
ADAPTER
C1
10µF
MP1 FDR8508
IDEAL
INB
OUTB
BATB
1-CELL Li-Ion
LTC4413
IDEAL
ENBA
2
4
3,11
1
5
10
9
6
ENBB
STAT
STAT
GND
INA
OUTA
RSTAT
470k
C1
4.7µF
4413 F04
TO
LOAD
PRIMARY
POWER
AUX
POWER
IDEAL
INB
OUTB
CA
10µF
CB
10µF
MICROCONTROLLER
microcontroller’s analog inputs (perhaps with the aid of a
resistor voltage divider) monitors each supply input and
the LTC4413 status, and then commands the LTC4413
through the two ENBA/ENBB control inputs.
Automatic Switchover from a Battery to an Auxiliary
Supply or a Wall Adapter
Figure 5 illustrates an application for implementing the
function of automatic switchover from a battery to either
an auxiliary supply or to a wall adapter using the LTC4413.
The LTC4413 automatically senses the presence of a wall
adapter as the ENBB pin voltage is pulled higher than its
rising turn-off threshold of 550mV through resistive di-
vider (R4 and R5). This disables the AUX input from
powering the load. If the AUX is not present when a wall
adapter is attached (i.e., the BAT is supplying load cur-
rent), as the wall adapter voltage rises, the body diode in
MP1 will forward bias, pulling the output voltage above the
BAT voltage. The LTC4413 will sense a reverse voltage of
as little as 10mV and turn off the ideal diode between INA
and OUTA. This will cause the STAT voltage to fall, turning
on MP1. The load will then draw current from the wall
adapter, and the battery will be disconnected from the
load. If the AUX is not present when the wall adapter is
removed, the load voltage will droop until the BAT voltage
exceeds the load voltage. The LTC4413 will sense that the
BAT voltage is greater, causing the STAT voltage to rise,
disabling MP1; the BAT will then provide power to the load.
LTC4413
IDEAL
ENBB
4
ENBA
2
3,11
1
5
10
9
6
STAT
GND
INA
OUTA
R2
1000k
R3
100k
BAT
RSTAT
470k
C1:C0805C106K8PAC
C2:C1206C475K8PAC
C2
4.7µF
4413 F05
TO
LOAD
WALL
ADAPTER
AUX
ADAPTER
R4
1000k
R5
500k
R1
1Ω
C1
10µF
MP1 FDR8508
IDEAL
INB
OUTB
current to the load. When a wall adapter input is applied,
the voltage divider formed by R1 and R2 will disable the
LTC4413, causing the STAT pin voltage to fall, turning on
MP1. At this point the load will be powered by the wall
adapter and both batteries may be removed without inter-
rupting the load voltage. When the wall adapter is re-
moved, the output voltage will droop until the voltage
divider turns on the LTC4413, at which point the batteries
will revert to providing load power. The status signal can
also be used to provide information as to whether the wall
adapter (or BATB) is supplying the load current.
Automatic PowerPath Control
Figure 4 illustrates an application circuit for microcontrol-
ler monitoring and control of two power sources. The



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com