Electronic Components Datasheet Search
  English  ▼

X  

LTC4413 Datasheet(PDF) 12 Page - Linear Technology

Part # LTC4413
Description  Dual 2.6A, 2.5V to 5.5V, Ideal Diodes in 3mm 3mm DFN
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4413 Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC4413 Datasheet HTML 4Page - Linear Technology LTC4413 Datasheet HTML 5Page - Linear Technology LTC4413 Datasheet HTML 6Page - Linear Technology LTC4413 Datasheet HTML 7Page - Linear Technology LTC4413 Datasheet HTML 8Page - Linear Technology LTC4413 Datasheet HTML 9Page - Linear Technology LTC4413 Datasheet HTML 10Page - Linear Technology LTC4413 Datasheet HTML 11Page - Linear Technology LTC4413 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
12
LTC4413
4413f
© LINEAR TECHNOLOGY CORPORATION 2004
LT/TP 1104 1K • PRINTED IN THE USA
PART NUMBER
DESCRIPTION
COMMENTS
LTC1558/LTC1559
Backup Battery Controller with Programmable
Adjustable Backup Voltage from 1.2V NiCd Button Cell, Includes Boost Converter
Output
LTC1998
2.5µA, 1% Accurate Programmable Battery
Adjustable Trip Voltage/Hysteresis, ThinSOT
TM
Detector
LTC4054
800mA Standalone Linear Li-Ion Battery
No External MOSFET, Sense Resistor or Blocking Diode Required, Charge Current
Charger with Thermal Regulation in ThinSOT
Monitor for Gas Gauging, C/10 Charge Termination
LTC4055
USB Power Controller and Li-Ion Charger
Automatic Switchover, Charges 1-Cell Li-Ion Batteries
LTC4350
Hot Swappable Load Share Controller
Allows N + 1 Redundant Supply, Equally Loads Multiple Power Supplies
Connected in Parallel
LTC4351
MOSFET Diode-OR Controller
1.2V to 18V Input, Internal Boost Regulator for Driving N-Channel MOSFET
LTC4411
2.6A Low Loss Ideal Diode in ThinSOT
No External MOSFET, Automatic Switching Between DC Sources, Simplified
Load Sharing
LTC4412/LTC4412HV PowerPath Controllers in ThinSOT
More Efficient than Diode ORing, Automatic Switching Between DC Sources,
Simplified Load Sharing, 3V ≤ VIN ≤ 28V (3V ≤ VIN ≤ 36V for HV)
ThinSOT is a trademark of Linear Technology Corporation.
RELATED PARTS
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
PACKAGE DESCRIPTIO
DD Package
10-Lead Plastic DFN (3mm × 3mm)
(Reference LTC DWG # 05-08-1699)
3.00 ±0.10
(4 SIDES)
NOTE:
1. DRAWING TO BE MADE A JEDEC PACKAGE OUTLINE M0-229 VARIATION OF (WEED-2).
CHECK THE LTC WEBSITE DATA SHEET FOR CURRENT STATUS OF VARIATION ASSIGNMENT
2. ALL DIMENSIONS ARE IN MILLIMETERS
3. DIMENSIONS OF EXPOSED PAD ON BOTTOM OF PACKAGE DO NOT INCLUDE
MOLD FLASH. MOLD FLASH, IF PRESENT, SHALL NOT EXCEED 0.15mm ON ANY SIDE
0.38 ± 0.10
BOTTOM VIEW—EXPOSED PAD
1.65 ± 0.10
(2 SIDES)
0.75 ±0.05
R = 0.115
TYP
2.38 ±0.10
(2 SIDES)
1
5
10
6
PIN 1
TOP MARK
(SEE NOTE 5)
0.200 REF
0.00 – 0.05
(DD10) DFN 0403
0.25 ± 0.05
2.38 ±0.05
(2 SIDES)
RECOMMENDED SOLDER PAD PITCH AND DIMENSIONS
1.65 ±0.05
(2 SIDES)
2.15 ±0.05
0.50
BSC
0.675 ±0.05
3.50 ±0.05
PACKAGE
OUTLINE
0.25 ± 0.05
0.50 BSC
4. EXPOSED PAD SHALL BE SOLDER PLATED
5. SHADED AREA IS ONLY A REFERENCE FOR PIN 1 LOCATION ON THE
TOP AND BOTTOM OF PACKAGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com