Electronic Components Datasheet Search
  English  ▼

X  

1692035 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1692035
Description  SACB-4/8-SC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1692035 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1692035 Datasheet HTML 1Page - PHOENIX CONTACT 1692035 Datasheet HTML 2Page - PHOENIX CONTACT 1692035 Datasheet HTML 3Page - PHOENIX CONTACT 1692035 Datasheet HTML 4Page - PHOENIX CONTACT 1692035 Datasheet HTML 5Page - PHOENIX CONTACT 1692035 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PHOENIX CONTACT Inc., USA
Page 1 / 6
http://www.phoenixcon.com
Jan 3, 2011
Extract from the online
catalog
 
SACB-4/8-SC
Order No.: 1692035
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1692035
 
 
Sensor/actuator box, M12 female connector, Number of slots: 4,
Number of positions: 5, Slot assignment: Double, Status indication:
No, Universal 180°, Shielding: No
 
Commercial data
GTIN (EAN)
4
017918
171292
sales group
D103
Pack
1 pcs.
Customs tariff
85366990
Catalog page information
Page 115 (PC-2009)
Product notes
WEEE/RoHS-compliant since:
12/04/2006
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
General data
Rated voltage
120 V
Max. operating voltage Umax
135 V
Current carrying capacity per I/O signal
2 A
Current carrying capacity per slot
4 A


Similar Part No. - 1692035

ManufacturerPart #DatasheetDescription
logo
Extreme Networks.
16920 EXTREMENETWORKS-16920 Datasheet
193Kb / 10P
Industrial Networking
22nov23
logo
Weidmuller
1692000000 WEIDMULLER-1692000000 Datasheet
94Kb / 6P
BLZF 3.5/2/LH SN OR
1692000000 WEIDMULLER-1692000000 Datasheet
94Kb / 6P
BLZF 3.5/2/LH SN SW
1692000000 WEIDMULLER-1692000000 Datasheet
91Kb / 6P
BLZF 3.5/3/LH SN OR
1692000000 WEIDMULLER-1692000000 Datasheet
94Kb / 6P
BLZF 3.5/3/LH SN SW
More results

Similar Description - 1692035

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1452932 PHOENIX-1452932 Datasheet
99Kb / 5P
Sensor/actuator box - SACB-4/ 8-SC SCO P
1671221 PHOENIX-1671221 Datasheet
171Kb / 6P
SACB-4/ 4-L-SC
1671247 PHOENIX-1671247 Datasheet
156Kb / 6P
SACB-8/ 8-L-SC
1680568 PHOENIX-1680568 Datasheet
171Kb / 6P
SACB-4/ 8-L-SC
1680584 PHOENIX-1680584 Datasheet
158Kb / 6P
SACB-8/16-L-SC
1680759 PHOENIX-1680759 Datasheet
159Kb / 6P
SACB-8/ 8-L-SC NPN
1680762 PHOENIX-1680762 Datasheet
177Kb / 6P
SACB-4/ 8-L-SC NPN
1681004 PHOENIX-1681004 Datasheet
167Kb / 6P
SACB-4/ 4-SC
1692022 PHOENIX-1692022 Datasheet
153Kb / 6P
SACB-8/ 8-SC
1692051 PHOENIX-1692051 Datasheet
157Kb / 6P
SACB-8/16-SC
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com