Electronic Components Datasheet Search
  English  ▼

X  

1692035 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1692035
Description  SACB-4/8-SC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1692035 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1692035 Datasheet HTML 1Page - PHOENIX CONTACT 1692035 Datasheet HTML 2Page - PHOENIX CONTACT 1692035 Datasheet HTML 3Page - PHOENIX CONTACT 1692035 Datasheet HTML 4Page - PHOENIX CONTACT 1692035 Datasheet HTML 5Page - PHOENIX CONTACT 1692035 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SACB-4/8-SC Order No.: 1692035
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1692035
PHOENIX CONTACT Inc., USA
Page 2 / 6
http://www.phoenixcon.com
Jan 3, 2011
Total rated current
12 A
Number of positions
5
Number of slots
4
Degree of protection
IP65/IP67
Inflammability class acc. to UL 94
V0
Ambient temperature (operation)
-25 °C ... 75 °C
Sensor/actuator connection system
M12 female connector
Master cable data
Type of connection
Spring-cage conn.
Conductor cross-section min. (signal)
0.14 mm²
Conductor cross-section max. (signal)
1 mm²
Conductor cross-section AWG min. (signal)
26
Conductor cross-section AWG max. (signal)
17
Conductor cross-section min. (energy)
0.2 mm²
Conductor cross-section max. (energy)
1.5 mm²
Conductor cross-section AWG min. (energy)
24
Conductor cross-section AWG max. (energy)
16
External cable diameter min.
6.5 mm
External cable diameter max.
9.5 mm
Stripping length
10 mm
Tightening torque, union nut
2.5 Nm
Tightening torque slot sensor/actuator cable
0.4 Nm
Tightening torque screw plug
0.4 Nm
Insulation material
Housing material
PA
Contact material
CuSn
Contact surface material
Ni/Au
Contact carrier material
PA
Material of contact, master cable side
CuZn
Material of contact surface, master cable side
NiSn
Material of the contact carrier on the master cable
side
PA 66 V0
Material, O-ring
NBR



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com