Electronic Components Datasheet Search
  English  ▼

X  

IX9915N Datasheet(PDF) 3 Page - IXYS Corporation

Part # IX9915N
Description  Low Voltage Error Amplifier with a 350V Darlington Transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IX9915N Datasheet(HTML) 3 Page - IXYS Corporation

  IX9915N Datasheet HTML 1Page - IXYS Corporation IX9915N Datasheet HTML 2Page - IXYS Corporation IX9915N Datasheet HTML 3Page - IXYS Corporation IX9915N Datasheet HTML 4Page - IXYS Corporation IX9915N Datasheet HTML 5Page - IXYS Corporation IX9915N Datasheet HTML 6Page - IXYS Corporation IX9915N Datasheet HTML 7Page - IXYS Corporation IX9915N Datasheet HTML 8Page - IXYS Corporation IX9915N Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
INTEGRATED CIRCUITS DIVISION
IX9915
R01
www.ixysic.com
3
1. Specifications
1.1 Package Pinout
1.2 Pin Description
1.3 Absolute Maximum Ratings
1 Derate linearly 2.83 mW/°C.
Unless otherwise specified, Absolute Maximum electrical ratings are at 25°C.
Absolute Maximum Ratings are stress ratings. Stresses in excess of these ratings can cause permanent damage to
the device. Functional operation of the device at these or any other conditions beyond those indicated in the
operational sections of this data sheet is not implied.
Typical values are characteristic of the device at 25°C, and are the result of engineering evaluations. They are
provided for information purposes only, and are not part of the manufacturing testing requirements.
FB
OC
B
N/C
V
SS
V
CC
E
C
1
2
3
4
8
7
6
5
Pin#
Name
Description
1
FB
Input Voltage
2
OC
Output Current
3
B
Darlington Base
4
N/C
Not Connected
5
C
Darlington Collector
6
E
Darlington Emitter
7
VCC
Supply Input
8
VSS
Supply Return
Parameter
Symbol
Ratings
Unit
Collector-Emitter Voltage
VCEO
350
V
Emitter-Collector Voltage
VECO
2V
Collector Current
ICE
200
mA
Supply Voltage (Referenced to VSS)VCC
15
V
Output DC Current
IOC
20
mA
Power Dissipation (Shunt Regulator)
PA
30
mW
Power Dissipation, Darlington Transistor 1
PD
250
mW
Total Power Dissipation 1
PT
250
mW
ESD Rating (Human Body Model)
-
2
kV
Operating Temperature
TOPR
-40 to +85
°C
Storage Temperature
TSTG
-55 to +130
°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com