Electronic Components Datasheet Search
  English  ▼

X  

IX9915N Datasheet(PDF) 5 Page - IXYS Corporation

Part # IX9915N
Description  Low Voltage Error Amplifier with a 350V Darlington Transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IX9915N Datasheet(HTML) 5 Page - IXYS Corporation

  IX9915N Datasheet HTML 1Page - IXYS Corporation IX9915N Datasheet HTML 2Page - IXYS Corporation IX9915N Datasheet HTML 3Page - IXYS Corporation IX9915N Datasheet HTML 4Page - IXYS Corporation IX9915N Datasheet HTML 5Page - IXYS Corporation IX9915N Datasheet HTML 6Page - IXYS Corporation IX9915N Datasheet HTML 7Page - IXYS Corporation IX9915N Datasheet HTML 8Page - IXYS Corporation IX9915N Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
INTEGRATED CIRCUITS DIVISION
IX9915
R01
www.ixysic.com
5
Figure 2: ICC(OFF) Test Circuit
Figure 3: IQ Test Circuit
Figure 4: ICE Test Circuit
+
_
+
_
OC
FB
V
CC
C
E
B
V
SS
V
CC
+
_
+
_
OC
FB
V
CC
C
E
B
V
SS
I
OC
I
Q
I
IB
V
FB
R
2
R
1
V
CC
+
_
+
_
OC
FB
V
CC
C
E
B
V
SS
V
CE
R
B



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com