Electronic Components Datasheet Search
  English  ▼

X  

MX868 Datasheet(PDF) 2 Page - IXYS Corporation

Part # MX868
Description  12 Bit Digital Output Magnetic Flux Sensor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

MX868 Datasheet(HTML) 2 Page - IXYS Corporation

  MX868 Datasheet HTML 1Page - IXYS Corporation MX868 Datasheet HTML 2Page - IXYS Corporation MX868 Datasheet HTML 3Page - IXYS Corporation MX868 Datasheet HTML 4Page - IXYS Corporation MX868 Datasheet HTML 5Page - IXYS Corporation MX868 Datasheet HTML 6Page - IXYS Corporation MX868 Datasheet HTML 7Page - IXYS Corporation MX868 Datasheet HTML 8Page - IXYS Corporation MX868 Datasheet HTML 9Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
MX868
IXYS
Absolute Maximum Ratings TA = +25°C unless otherwise noted
Parameter
Min
Max
Unit
Voltage (Any Pin to GND)
+7
V
θJA, DFN-8 Package
30
°C/W
Operating Temperature Range
-40
+85
°C
Storage Temperature Range
-65
150
°C
ESD Warning
ESD (electrostatic discharge) sensitive device. Although the MX868 features proprietary ESD protection circuitry,
permanent damage may occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
Electrical Characteristics
PWR= 5V, T = +25°C
Parameter
Condition
Min
Typ
Max
Unit
Operating Voltage Range (PWR)
4.5
5.5
V
Supply Current (IPWR)
3
mA
Average A/D Reading
Zero Magnetic Flux
2040
2048
2056
LSB
Average A/D Reading
100 Gauss, North Pole
2458
LSB
Output Noise
Digital Filter Off
1.5
RMS
LSB
SCK pulse period
5
µS
SCK pulse width
high or low
200
nS
CS* pulse period
500
µS
CS* falling to first SCK rising
100
nS
Last SCK falling to CS* rising
50
nS
SCK falling to SDO valid
60
nS
Digital output high
PWR-0.5
V
Digital output low
0.5
Digital input low
GND
0.8
V
Digital input high
2
PWR
Digital input current
1
µA
MX868
2
03/03/08
Drawing No. 086809
www.claremicronix.com



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com