Electronic Components Datasheet Search
  English  ▼

X  

MX868 Datasheet(PDF) 4 Page - IXYS Corporation

Part # MX868
Description  12 Bit Digital Output Magnetic Flux Sensor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

MX868 Datasheet(HTML) 4 Page - IXYS Corporation

  MX868 Datasheet HTML 1Page - IXYS Corporation MX868 Datasheet HTML 2Page - IXYS Corporation MX868 Datasheet HTML 3Page - IXYS Corporation MX868 Datasheet HTML 4Page - IXYS Corporation MX868 Datasheet HTML 5Page - IXYS Corporation MX868 Datasheet HTML 6Page - IXYS Corporation MX868 Datasheet HTML 7Page - IXYS Corporation MX868 Datasheet HTML 8Page - IXYS Corporation MX868 Datasheet HTML 9Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
MX868
IXYS
POWER-ON RESET
The MX868 contains a power-on reset circuit that resets all the internal flip-flops and initializes the
internal registers to zero. The MX868 will reset if the voltage at terminal PWR drops below 3.2 V to 3.8 V.
SYNCHRONOUS SERIAL I/O
The MX868 (slave) can communicate with a microcomputer (master) via a three wire plus chip select
serial interface. Chip select CS*, serial clock SCK, and serial data input SDI are output from the master
controller to the MX868.
Serial data output SDO is driven by the MX868 when selected by CS* = 0.
SDO is high impedance when CS* = 1.
SCK and SDI are don't care when CS* = 1.
SDI is captured by the rising edge of SCK.
SDO changes in response to the falling edge of SCK.
Read 12-bit data D[11:0] when SDI = logic 0
CS*
SCK
SDO
SDI
D10 D9 D8 D7 D6 D5 D4 D3 D2 D1 D0
D11
200 nS min
60 nS max
Write command timing:
(Bit Field A[2:0] , B[5:0], OTP Bit Zp)
CS*
SCK
SDI
B0
B1
B2
B3
B4
B5
A0
A1
A2
0
1
Zp
The write command SDI input bit pattern is internally latched at the rising edge of
CS* and takes effect at the end of the next A/D conversion following CS* rising.
20 nS min
The exponentially weighted moving average digital filter has a transfer function equivalent to a first order
low pass filter.
The I/O timing remains exactly the same when the filter is used. No decimation is performed.
Let T = Sample interval (the time from CS* falling edge to CS* falling edge). Then bandwidth = 1/(2*pi*T).
Also if W = Sample weighting, then the digital output = W*(current sample) + (1-W)*(previous value).
At power-on the previous value is initialized to zero. A programmed change in A[2:0] does not reset the
previous value. Therefore when using the filter, multiple samples must be taken at power-on or after
changing A[2:0] before the filtered output will be correct.
MX868
4
03/03/08
Drawing No. 086809
www.claremicronix.com



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com