Electronic Components Datasheet Search
  English  ▼

X  

MX8682R Datasheet(PDF) 5 Page - IXYS Corporation

Part # MX8682R
Description  12-Bit Digital Output Magnetic Flux Sensor (-)100 Gauss / 2KHz Conversion Rate
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

MX8682R Datasheet(HTML) 5 Page - IXYS Corporation

  MX8682R Datasheet HTML 1Page - IXYS Corporation MX8682R Datasheet HTML 2Page - IXYS Corporation MX8682R Datasheet HTML 3Page - IXYS Corporation MX8682R Datasheet HTML 4Page - IXYS Corporation MX8682R Datasheet HTML 5Page - IXYS Corporation MX8682R Datasheet HTML 6Page - IXYS Corporation MX8682R Datasheet HTML 7Page - IXYS Corporation MX8682R Datasheet HTML 8Page - IXYS Corporation MX8682R Datasheet HTML 9Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
MX8682
IXYS
Bit field A[2:0] controls the digital filter operation:
A[2:0]
Time Constant
Sample Weighting
000
No Filter
1
001
T
1/2
010
3T
1/4
011
7T
1/8
100
15T
1/16
101
31T
1/32
110
63T
1/64
111
127T
1/128
Bit field B[5:0] is the full scale adjust.
Characteristics are 0.8% step size, ±25% total range.
B[5:0] = 000000 is the lowest sensitivity (highest full scale)
B[5:0] = 111111 is the highest sensitivity
One-Time Programming:
Bit Zp, when logic 1 along with A[2:0] and B[5:0] values, programs those values into the internal non-
volatile memory.
Programming a bit to logic 1 is permanent. A bit programmed to logic 1 cannot be made to go back to
logic 0.
Always send a write command with Zp = 0 and SDI = 0 immediately after the programming command.
The actual programming pulse occurs internally at the falling edge of CS* in the command following the
command in which Zp = logic 1.
The write command can be used to preview the trim bits as long as Zp is logic 0.
Examples:
The bit field B[5:0] can be programmed while the A[2:0] bit field is "000", or vice versa. For example the
total SDI bit pattern could be 10 000 001100 0000 1. This would permanently set the B[5:0] bit field to
001100 but the filter setting could still be subsequently changed by a different write command, either in
preview or programming.
The SDI bit pattern 10 010 010000 0000 0 would set the filter time constant to 3T and the full scale field
to 010000 as a preview, without making it permanent (because bit Zp = 0).
If the sample interval T = 1 mS and A[2:0] = 001 then the effective bandwidth would be 1/(2*3.14*1e-3) =
159 Hz. For this condition, if the steady state output was 2000 counts and a step input was applied that
would drive the output to 3000 counts then the digital output response would be 2000, 2500, 2750, 2875,
2937, 2968, 2984, 2992, 2996, 2998, 2999, 2999, 3000.
MX8682
5
03/03/08
Drawing No. 0868209
www.claremicronix.com



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com