Electronic Components Datasheet Search
  English  ▼

X  

MX8682R Datasheet(PDF) 7 Page - IXYS Corporation

Part # MX8682R
Description  12-Bit Digital Output Magnetic Flux Sensor (-)100 Gauss / 2KHz Conversion Rate
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

MX8682R Datasheet(HTML) 7 Page - IXYS Corporation

  MX8682R Datasheet HTML 1Page - IXYS Corporation MX8682R Datasheet HTML 2Page - IXYS Corporation MX8682R Datasheet HTML 3Page - IXYS Corporation MX8682R Datasheet HTML 4Page - IXYS Corporation MX8682R Datasheet HTML 5Page - IXYS Corporation MX8682R Datasheet HTML 6Page - IXYS Corporation MX8682R Datasheet HTML 7Page - IXYS Corporation MX8682R Datasheet HTML 8Page - IXYS Corporation MX8682R Datasheet HTML 9Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
MX8682
IXYS
Application Example
This application example illustrates one method of incorporating the MX8682 into a power circuit board
design. The double-sided 8oz copper traces carry 10A (5A on the top trace and 5A on the bottom trace)
around the center section of the planar E-core. The MX8682 is mounted on a small single layer flex
circuit that effectively adds a third layer. The flex also fans out the fine pitch DFN package to a pitch
compatible with the power board. The magnetic circuit consists of two ferrite E14 planar cores. The
center post of one of the cores is gapped to accommodate the MX8682 package thickness plus the flex
circuit thickness. For the 10A full scale application a gap of 47 to 52 mils is appropriate (1.2 to 1.32 mm).
The gain trim range of the MX8682 can accommodate even larger gaps if required.
Flex circuit
MX8682
(2) E14 planar cores
Cross Section (drawing not to scale)
PCB top layer: (scale 1X)
PCB bottom layer: (top view, 1X)
Flex circuit: (component side, 1X)
This following example illustrates the MX8682 mounted directly on a 1oz PCB with a copper strap
positioned around the Hall element to carry the current being measured.
MX8682
Copper stamping, thickness as required
Design alternatives:
The use of an E-I core pair results in a lower profile than E-E however a thinner board must be used. A
thinner sensor can be obtained by FCOF (flip chip on flex) packaging of the MX8682 bumped die. The
maximum mounting height of the DFN package is 1.1 mm whereas the chip height is about 0.4 mm.
MX8682
7
03/03/08
Drawing No. 0868209
www.claremicronix.com



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com