Electronic Components Datasheet Search
  English  ▼

X  

MX8683 Datasheet(PDF) 1 Page - IXYS Corporation

Part # MX8683
Description  10-Bit Digital Output Magnetic Flux Sensor (-)200 Gauss / 20KHz Conversion Rate
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

MX8683 Datasheet(HTML) 1 Page - IXYS Corporation

  MX8683 Datasheet HTML 1Page - IXYS Corporation MX8683 Datasheet HTML 2Page - IXYS Corporation MX8683 Datasheet HTML 3Page - IXYS Corporation MX8683 Datasheet HTML 4Page - IXYS Corporation MX8683 Datasheet HTML 5Page - IXYS Corporation MX8683 Datasheet HTML 6Page - IXYS Corporation MX8683 Datasheet HTML 7Page - IXYS Corporation MX8683 Datasheet HTML 8Page - IXYS Corporation MX8683 Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
IXYS
MX8683
1
03/03/08
Drawing No. 0868309
www.claremicronix.com
MX8683
10-Bit Digital Output Magnetic Flux Sensor
±200 Gauss / 20KHz Conversion Rate
Features:
• Single 5 Volt Power Supply
• Externally Configurable ±20A Bi-Direction
Current Sense per Turn
• 12-bit Serial Digital Output / 10-bit ADC
• Full Scale Magnetic Flux Intensity of ±200
Gauss
• 20K Conversions/Second
• Microcontroller Compatible
• Standard 3 Wire Serial Interface plus Chip
Select
• In System Calibration: OTP Full Scale Trim via
the Serial I/O Port
• Programmable Digital Filter Time Constant
• 4mm x 4mm 8 Lead DFN package RoHS
Compliant
Applications:
• Load Detection and Management
• Motor Control
• Power Supplies
Ordering Information
Part No.
Description
Qty
MX8683R
DFN-8 Tube
91
MX8683RTR DFN-8 Tape & Reel
2500
General Description
The MX8683 is a 10-bit Digital Output Magnetic Flux
Sensor. The device is a complete sampled data
subsystem that converts a magnetic flux intensity of
±200 Gauss full scale into a 12-bit format digital
output word, (10-bit resolution). The sensor
operates as a slave on the serial interface with TTL-
level compatible inputs SDI (serial data input), SCK
(serial clock), and CS* (chip select, active low).
Terminal SDO is the tri-state serial data output.
An optional exponentially weighted moving average
digital filter is included that averages the 10-bit ADC
output into a 12-bit output word. The digital filter has
a transfer function equivalent to a first order low
pass filter.
The full scale trim and/or the digital filter time
constant are controllable through the serial I/O
interface and are one-time programmable through
the serial interface (once programmed, the values
are loaded at every power-on).
The MX8683 can be mounted onto a PCB or
incorporated into a magnetic assembly and then
calibrated in-system through the serial interface.
The operating voltage range is 4.5V to 5.5V.
Functional Block Diagram Typical
Application Circuit
PWR
GND
Hall
Plate
I/O Reg
10-Bit A/D
SDI
SCK
SDO
CS*
Microcontroller
MX8683
Power
Ground
1
7
4
5
8
PWR
CS*
SDI
SCK
GND
2
SDO
MISO
Select
MOSI
SCK


Similar Part No. - MX8683

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
MX868 IXYS-MX868 Datasheet
292Kb / 9P
12 Bit Digital Output Magnetic Flux Sensor
MX8681 IXYS-MX8681 Datasheet
293Kb / 9P
12-Bit Digital Output Magnetic Flux Sensor (-)200 Gauss / 2KHz Conversion Rate
MX8681R IXYS-MX8681R Datasheet
293Kb / 9P
12-Bit Digital Output Magnetic Flux Sensor (-)200 Gauss / 2KHz Conversion Rate
MX8681RTR IXYS-MX8681RTR Datasheet
293Kb / 9P
12-Bit Digital Output Magnetic Flux Sensor (-)200 Gauss / 2KHz Conversion Rate
MX8682 IXYS-MX8682 Datasheet
293Kb / 9P
12-Bit Digital Output Magnetic Flux Sensor (-)100 Gauss / 2KHz Conversion Rate
More results

Similar Description - MX8683

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TCS10DLU TOSHIBA-TCS10DLU Datasheet
114Kb / 6P
Digital-Output Magnetic Sensor
TCS10DPU TOSHIBA-TCS10DPU Datasheet
93Kb / 6P
Digital Output Magnetic Sensor
TCS10NLU TOSHIBA-TCS10NLU Datasheet
144Kb / 6P
Digital Output Magnetic Sensor
TCS10NPU TOSHIBA-TCS10NPU Datasheet
148Kb / 6P
Digital-Output Magnetic Sensor
TCS10SPU TOSHIBA-TCS10SPU Datasheet
157Kb / 6P
Digital-Output Magnetic Sensor
TCS11DLU TOSHIBA-TCS11DLU Datasheet
150Kb / 6P
Digital Output Magnetic Sensor
TCS11NLU TOSHIBA-TCS11NLU Datasheet
108Kb / 6P
Digital Output Magnetic Sensor
logo
IXYS Corporation
MX868 IXYS-MX868 Datasheet
292Kb / 9P
12 Bit Digital Output Magnetic Flux Sensor
MX8681 IXYS-MX8681 Datasheet
293Kb / 9P
12-Bit Digital Output Magnetic Flux Sensor (-)200 Gauss / 2KHz Conversion Rate
MX8682 IXYS-MX8682 Datasheet
293Kb / 9P
12-Bit Digital Output Magnetic Flux Sensor (-)100 Gauss / 2KHz Conversion Rate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com