Electronic Components Datasheet Search
  English  ▼

X  

MX8683 Datasheet(PDF) 8 Page - IXYS Corporation

Part # MX8683
Description  10-Bit Digital Output Magnetic Flux Sensor (-)200 Gauss / 20KHz Conversion Rate
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

MX8683 Datasheet(HTML) 8 Page - IXYS Corporation

Back Button MX8683 Datasheet HTML 2Page - IXYS Corporation MX8683 Datasheet HTML 3Page - IXYS Corporation MX8683 Datasheet HTML 4Page - IXYS Corporation MX8683 Datasheet HTML 5Page - IXYS Corporation MX8683 Datasheet HTML 6Page - IXYS Corporation MX8683 Datasheet HTML 7Page - IXYS Corporation MX8683 Datasheet HTML 8Page - IXYS Corporation MX8683 Datasheet HTML 9Page - IXYS Corporation MX8683 Datasheet HTML 10Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
MX8683
IXYS
Application Example
This application example illustrates one method of incorporating the MX8683 into a power circuit board
design. The double-sided 8oz copper traces carry 20A (10A on the top trace and 10A on the bottom
trace) around the center section of the planar E-core. The MX8683 is mounted on a small single layer
flex circuit that effectively adds a third layer. The flex also fans out the fine pitch DFN package to a pitch
compatible with the power board. The magnetic circuit consists of two ferrite E14 planar cores. The
center post of one of the cores is gapped to accommodate the MX8683 package thickness plus the flex
circuit thickness. For the 20A full scale application a gap of 47 to 52 mils is appropriate (1.2 to 1.32 mm).
The gain trim range of the MX8683 can accommodate even larger gaps if required.
Flex circuit
MX8683
(2) E14 planar cores
Cross Section (drawing not to scale)
PCB top layer: (scale 1X)
PCB bottom layer: (top view, 1X)
Flex circuit: (component side, 1X)
Design alternatives:
Multi-layer boards may be used with the MX8683 mounted directly on the board.
The use of an E-I core pair results in a lower profile than E-E however a thinner board must be used.
An example of a low-power circuit board with an added high-current copper strap:
MX8683
Copper stamping, thickness as required
MX8683
8
03/03/08
Drawing No. 0868309
www.claremicronix.com



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com