Electronic Components Datasheet Search
  English  ▼

X  

B8G600M Datasheet(PDF) 1 Page - Shenzhen Bencent Electronics Co., Ltd.

Part # B8G600M
Description  Gas Discharge Tube
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BENCENT [Shenzhen Bencent Electronics Co., Ltd.]
Direct Link  http://en.bencent.com.cn/en/home/index.asp
Logo BENCENT - Shenzhen Bencent Electronics Co., Ltd.

B8G600M Datasheet(HTML) 1 Page - Shenzhen Bencent Electronics Co., Ltd.

  B8G600M Datasheet HTML 1Page - Shenzhen Bencent Electronics Co., Ltd. B8G600M Datasheet HTML 2Page - Shenzhen Bencent Electronics Co., Ltd. B8G600M Datasheet HTML 3Page - Shenzhen Bencent Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1/3
Gas
`
Si
H
L
F
R
M
Elec
A
Ap
Fea
Age
Op
1) A
2) In
3) Te
3
www.be
s Discharge
ize Design
Φ
High Current H
Low Capacitan
ast Response
Reliable to Pro
Moisture sensi
ctrical Param
AC Power
plication in
atures
ency Appro
DC Breakd
Impulse Spa
Impulse Dis
Arc
Insulatio
Capacita
W
perating and s
M
At delivery AQ
n ionized mod
Terms and cur
Icon
C
C
M
C
encent.com
Tube
8×6mm
Handling Ca
nce and Inser
e and Long Se
otect Electros
itivity level
:
meter
nformation
ovals
own Voltage
ark-over Volt
scharge Curre
c Voltage
on Resistance
ance at 1 MH
Weight
storage Temp
Marking
QL 0.65 level
de
rrent waveform
Compliance with
Compliance with
Mean lead free
Compliance with
m.cn
apability 10,00
rtion Loss
ervice Life
static Surge
Level 1
1 2
tage
ent
3
e
z
perature
II GB/T 282
ms in accord
Description
h 2011/65/EU
h IEC61249-2-21
h UL1449, Certif
00A @ 8/20
100V/s
At 1kV/
μ
At 1kV/
μ
8/20
μs ±5ti
At 1A
DC=100V
VDC=0.5V
28.1-2003
ance with ITU
n
:2003
ficated E232249
Customers sho
s
μ
Sc
Pa
Ex
μs
μs
imes
V
V
U-T Rec. K.
S
uld verify actua
chematic Sy
ackage (Top
xterior
1
for 99 % of m
Typical valu
Bencent Log
1
12; IEC 6164
Specifications a
al device perfor
O
ymbol
p View)
480-720
measured val
ues of distribu
10
~15
≥1
≤1.5
~1.55
-40-90
go, Voltage a
1
43-21
are subject to ch
rmance in their
Order Code:
Ver
lues
 1400
ution
 1300
and date code
B8G600
hange without n
specific applic
B8G600M
rsion: A1 2014
2
V
V
0
V
KA
V
G
Ω
pF
g
℃
e
2
0M
notice.
ations
M-01
4-04-23
A
Ω
F


Similar Part No. - B8G600M

ManufacturerPart #DatasheetDescription
logo
Shenzhen Bencent Electr...
B8G1500M BENCENT-B8G1500M Datasheet
249Kb / 3P
Gas Discharge Tube
B8G3600L BENCENT-B8G3600L Datasheet
438Kb / 3P
Gas Discharge Tube
logo
Edal Industries, Inc.
B8G5 EDAL-B8G5 Datasheet
1Mb / 2P
SILICON GENERAL PURPOSE 2.0 AMP DIODES
logo
Shenzhen Bencent Electr...
B8G800M BENCENT-B8G800M Datasheet
225Kb / 3P
Gas Discharge Tube
More results

Similar Description - B8G600M

ManufacturerPart #DatasheetDescription
logo
Ruilongyuan Electronics...
3RB-7 RUILON-3RB-7 Datasheet
610Kb / 6P
Gas Discharge Tube
logo
Socay Electornics Co., ...
UN2E8-600H5SMD SOCAY-UN2E8-600H5SMD Datasheet
88Kb / 2P
Gas Discharge Tube
logo
SUNMATE electronic Co.,...
3R075LB-7 SUNMATE-3R075LB-7 Datasheet
468Kb / 2P
GAS DISCHARGE TUBE
3R075TB-8 SUNMATE-3R075TB-8 Datasheet
518Kb / 2P
GAS DISCHARGE TUBE
logo
StarHope
GDT-B8H SPSEMI-GDT-B8H Datasheet
120Kb / 3P
Gas Discharge Tube
logo
Shanghai Leiditech Elec...
2R1000-6 LEIDITECH-2R1000-6 Datasheet
487Kb / 5P
Gas Discharge Tube
logo
StarHope
GSM075P SPSEMI-GSM075P Datasheet
303Kb / 3P
Gas Discharge Tube
GSP075D SPSEMI-GSP075D Datasheet
352Kb / 3P
Gas Discharge Tube
GSP075Q SPSEMI-GSP075Q Datasheet
424Kb / 3P
Gas Discharge Tube
logo
Shenzhen Bencent Electr...
B5G3600 BENCENT-B5G3600 Datasheet
187Kb / 3P
Gas Discharge Tube
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com