Electronic Components Datasheet Search
  English  ▼

X  

B8G600M Datasheet(PDF) 2 Page - Shenzhen Bencent Electronics Co., Ltd.

Part # B8G600M
Description  Gas Discharge Tube
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BENCENT [Shenzhen Bencent Electronics Co., Ltd.]
Direct Link  http://en.bencent.com.cn/en/home/index.asp
Logo BENCENT - Shenzhen Bencent Electronics Co., Ltd.

B8G600M Datasheet(HTML) 2 Page - Shenzhen Bencent Electronics Co., Ltd.

  B8G600M Datasheet HTML 1Page - Shenzhen Bencent Electronics Co., Ltd. B8G600M Datasheet HTML 2Page - Shenzhen Bencent Electronics Co., Ltd. B8G600M Datasheet HTML 3Page - Shenzhen Bencent Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2/3
Gas
(1)B
d
(2) D
(3)
Par
Pro
Env
Hi
Lo
Vib
Re
Not
Sol
3
www.be
s Discharge
B8G
(1)
Bencent 2-Ele
dimension:
Φ
DC Breakdow
Surge Rating
rt Numberin
oduct Dimen
vironmental
T
igh Temperatu
ow Temperatu
bration
esistance of so
te: Up-screen
lderability T
Sold
encent.com
Tube
XXX
M
(2)
3
ectrode DIP
Φ8.0×6 (D×L) (
wn Voltage, e.g.
@8/20
s,
μ M=
ng System
nsions
l Reliability
Testing items
ure Storage T
ure Storage T
oldering heat
REF
A
B
C
n program ca
Test
derability
m.cn
M
3
Gas Dischar
(mm)
.,600=600V
=10KA
y Characteri
s
Test
Test
t
an be specifie
S
rge Tube wi
istics
Tempera
Time:2H
Tempera
Time:2H
Frequenc
Amplitu
Time:4
Tempera
Time of
ed by custom
Solder Pot Tem
Solder Dwe
Customers sho
ith
T
Pr
ature: 85℃
H
ature: -40℃
H
cy:10-500H
ude:0.15mm
45mins
ature: 260±5℃
dip soldering
mm
62±2
6±0.2
Φ8±0.2
mer’s request
mperature:
ell Time:
S
uld verify actua
Lead Mater
Body Mater
Terminal Fin
roduct Char
Techn
Hz
m
℃
g:10s,1tim
via contactin
Specifications a
al device perfor
O
rial
rial
nish
1
racteristics
nical standard
me
ng Bencent s
245
4-6
are subject to ch
rmance in their
Order Code:
Ver
Copp
Ceram
Iron-nickel
100% Matte-
ds
inch
2.441±0
0.236±0
Φ0.315±
service
5℃±5℃
6 seconds
B8G600
hange without n
specific applic
B8G600M
rsion: A1 2014
per
mics
electrode
-Tin Plated
h
0.079
0.008
0.008
0M
notice.
ations
M-01
4-04-23



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com