Electronic Components Datasheet Search
  English  ▼

X  

XRT71D04 Datasheet(PDF) 21 Page - Exar Corporation

Part # XRT71D04
Description  4 CHANNEL E3/DS3/STS-1 JITTER ATTENUATOR, STS-1 TO DS3 DESYNCHRONIZER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT71D04 Datasheet(HTML) 21 Page - Exar Corporation

Back Button XRT71D04 Datasheet HTML 14Page - Exar Corporation XRT71D04 Datasheet HTML 15Page - Exar Corporation XRT71D04 Datasheet HTML 16Page - Exar Corporation XRT71D04 Datasheet HTML 17Page - Exar Corporation XRT71D04 Datasheet HTML 18Page - Exar Corporation XRT71D04 Datasheet HTML 19Page - Exar Corporation XRT71D04 Datasheet HTML 20Page - Exar Corporation XRT71D04 Datasheet HTML 21Page - Exar Corporation XRT71D04 Datasheet HTML 22Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
áç
áç
áç
áç
XRT71D04
4 CHANNEL E3/DS3/STS-1 JITTER ATTENUATOR, STS-1 TO DS3 DESYNCHRONIZER
PRELIMINARY
REV. 1.1.1
20
ORDERING INFORMATION
PACKAGE DIMENSIONS
PART #PACKAGE
OPERATING TEMPERATURE RANGE
XRT71D04IV
80 Pin TQFP
-40oC to +85oC
THERMAL INFORMATION
Theta - JA = ° C/W
Theta JC = ° C/W
80 LEAD THIN QUAD FLAT PACK
(14X14X1.4mm, TQFP)
Rev. 1.0
SYMBOL
1.40
1.60
0.055
0.063
A
0.05
0.15
0.002
0.006
A
1
1.35
1.45
0.053
0.057
A
2
0 o
7 o
0 o
7 o
α
0.45
0.75
0.018
0.030
L
0.65BSC
0.0256BSC
e
13.90
14.10
0.547
0.555
D
1
15.80
16.20
0.622
0.638
D
0.09
0.20
0.004
0.008
C
0.22
0.38
0.009
0.015
B
MIN
MAX
MIN
MAX
INCHES
MILLIMETERS
Note: the control dimension is the millimeter column
D
D
1
D
1
D
A
2
A
1
A
e
B
C
L
α
12 0
21
40
80
61
60
41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com