Electronic Components Datasheet Search
  English  ▼

X  

24AA164P Datasheet(PDF) 6 Page - Microchip Technology

Part # 24AA164P
Description  16K 1.8V Cascadable I2CTM Serial EEPROM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24AA164P Datasheet(HTML) 6 Page - Microchip Technology

Back Button 24AA164P Datasheet HTML 2Page - Microchip Technology 24AA164P Datasheet HTML 3Page - Microchip Technology 24AA164P Datasheet HTML 4Page - Microchip Technology 24AA164P Datasheet HTML 5Page - Microchip Technology 24AA164P Datasheet HTML 6Page - Microchip Technology 24AA164P Datasheet HTML 7Page - Microchip Technology 24AA164P Datasheet HTML 8Page - Microchip Technology 24AA164P Datasheet HTML 9Page - Microchip Technology 24AA164P Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
24AA164
DS21100F-page 6
© 1999 Microchip Technology Inc.
FIGURE 4-1:
BYTE WRITE
FIGURE 4-2:
PAGE WRITE
S
T
O
P
SDA LINE
P
DATA
S
T
A
R
T
CONTROL
BYTE
S
WORD
ADDRESS
BUS ACTIVITY:
MASTER
BUS ACTIVITY:
A
C
K
A
C
K
A
C
K
1 A2
B0
A1 A0 B2 B1
S
T
O
P
SDA LINE
P
DATA n
S
T
A
R
T
CONTROL
BYTE
WORD
ADDRESS (n)
BUS ACTIVITY:
MASTER
BUS ACTIVITY:
A
C
K
A
C
K
A
C
K
DATA n + 1
A
C
K
DATA n + 15
A
C
K
S
A2
B0
A1 A0 B2 B1
5.0
ACKNOWLEDGE POLLING
Since the device will not acknowledge during a write
cycle, this can be used to determine when the cycle is
complete (this feature can be used to maximize bus
throughput). Once the stop condition for a write com-
mand has been issued from the master, the device ini-
tiates the internally timed write cycle. ACK polling can
be initiated immediately.
This involves the master
sending a start condition followed by the control byte for
a write command (R/W = 0). If the device is still busy
with the write cycle, then no ACK will be returned. If the
cycle is complete, then the device will return the ACK
and the master can then proceed with the next read or
write command. See Figure 5-1 for flow diagram.
FIGURE 5-1:
ACKNOWLEDGE POLLING
FLOW
6.0
WRITE PROTECTION
The 24AA164 can be used as a serial ROM when the
WP pin is connected to VCC. Programming will be
inhibited and the entire memory will be write-protected.
Send
Write Command
Send Stop
Condition to
Initiate Write Cycle
Send Start
Send Control Byte
with R/W = 0
Did Device
Acknowledge
(ACK = 0)?
Next
Operation
NO
YES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com