Electronic Components Datasheet Search
  English  ▼

X  

24AA164P Datasheet(PDF) 8 Page - Microchip Technology

Part # 24AA164P
Description  16K 1.8V Cascadable I2CTM Serial EEPROM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24AA164P Datasheet(HTML) 8 Page - Microchip Technology

Back Button 24AA164P Datasheet HTML 4Page - Microchip Technology 24AA164P Datasheet HTML 5Page - Microchip Technology 24AA164P Datasheet HTML 6Page - Microchip Technology 24AA164P Datasheet HTML 7Page - Microchip Technology 24AA164P Datasheet HTML 8Page - Microchip Technology 24AA164P Datasheet HTML 9Page - Microchip Technology 24AA164P Datasheet HTML 10Page - Microchip Technology 24AA164P Datasheet HTML 11Page - Microchip Technology 24AA164P Datasheet HTML 12Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
24AA164
DS21100F-page 8
© 1999 Microchip Technology Inc.
8.0
PIN DESCRIPTIONS
8.1
SDA Serial Address/Data Input/Output
This is a Bi-directional pin used to transfer addresses
and data into and data out of the device. It is an open
drain terminal, therefore the SDA bus requires a pullup
resistor to VCC (typical 10K
Ω for 100 kHz, 2 KΩ for
400 kHz).
For normal data transfer SDA is allowed to change only
during SCL low.
Changes during SCL high are
reserved for indicating the START and STOP condi-
tions.
8.2
SCL Serial Clock
This input is used to synchronize the data transfer from
and to the device.
8.3
WP
This pin must be connected to either VSS or VCC.
If tied to VSS, normal memory operation is enabled
(read/write the entire memory 000-7FF).
If tied to VCC, WRITE operations are inhibited. The
entire memory will be write-protected. Read opera-
tions are not affected.
This feature allows the user to use the 24AA164 as a
serial ROM when WP is enabled (tied to VCC).
8.4
A0, A1, A2
These pins are used to configure the proper chip
address in multiple-chip applications (more than one
24AA164 on the same bus). The levels on these pins
are compared to the corresponding bits in the slave
address. The chip is selected if the compare is true.
Up to eight 24AA164s may be connected to the same
bus. These pins must be connected to either VSS or
VCC.
Note:
The level on A1 is compared to the inverse
of the slave address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com