Electronic Components Datasheet Search
  English  ▼

X  

NESL064AT Datasheet(PDF) 12 Page - NICHIA CORPORATION

Part # NESL064AT
Description  WARM WHITE LED
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NESL064AT Datasheet(HTML) 12 Page - NICHIA CORPORATION

Back Button NESL064AT Datasheet HTML 8Page - NICHIA CORPORATION NESL064AT Datasheet HTML 9Page - NICHIA CORPORATION NESL064AT Datasheet HTML 10Page - NICHIA CORPORATION NESL064AT Datasheet HTML 11Page - NICHIA CORPORATION NESL064AT Datasheet HTML 12Page - NICHIA CORPORATION NESL064AT Datasheet HTML 13Page - NICHIA CORPORATION NESL064AT Datasheet HTML 14Page - NICHIA CORPORATION NESL064AT Datasheet HTML 15Page - NICHIA CORPORATION NESL064AT Datasheet HTML 16Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
NICHIA STS-DA1-1565C <Cat.No.180822>
11
FORWARD CURRENT CHARACTERISTICS / TEMPERATURE CHARACTERISTICS
NESL064A
STS-DA7-0862
管理番号 No.
2.0
2.5
3.0
3.5
4.0
4.5
-60
-40
-20
0
20
40
60
80
100 120
TaVf
0.6
0.8
1.0
1.2
1.4
-60
-40
-20
0
20
40
60
80
100 120
TaIv
1
10
100
2.0
2.5
3.0
3.5
4.0
4.5
VfIf
20
周囲温度-相対
度特性
Ambient Temperature vs
Relative Luminosity
0
1
2
3
4
5
0
20
40
60
80
100
120
IfIv
電流-相対
度特性
Forward Current vs
Relative Luminosity
電流
Forward Current(mA)
電圧-
電流特性
Forward Voltage vs
Forward Current
周囲温度-
電圧特性
Ambient Temperature vs
Forward Voltage
電圧
Forward Voltage(V)
周囲温度
Ambient Temperature(°C)
周囲温度
Ambient Temperature(°C)
I
FP=20 mA
I
FP=60 mA
I
FP=5 mA
T
A=25
°C
* 本特性参考す
All characteristics shown are for reference only and are not guaranteed.
T
A=25
°C
I
FP=20 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com