Electronic Components Datasheet Search
  English  ▼

X  

NESL064AT Datasheet(PDF) 13 Page - NICHIA CORPORATION

Part # NESL064AT
Description  WARM WHITE LED
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NESL064AT Datasheet(HTML) 13 Page - NICHIA CORPORATION

Back Button NESL064AT Datasheet HTML 9Page - NICHIA CORPORATION NESL064AT Datasheet HTML 10Page - NICHIA CORPORATION NESL064AT Datasheet HTML 11Page - NICHIA CORPORATION NESL064AT Datasheet HTML 12Page - NICHIA CORPORATION NESL064AT Datasheet HTML 13Page - NICHIA CORPORATION NESL064AT Datasheet HTML 14Page - NICHIA CORPORATION NESL064AT Datasheet HTML 15Page - NICHIA CORPORATION NESL064AT Datasheet HTML 16Page - NICHIA CORPORATION NESL064AT Datasheet HTML 17Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
NICHIA STS-DA1-1565C <Cat.No.180822>
12
FORWARD CURRENT CHARACTERISTICS / TEMPERATURE CHARACTERISTICS
管理番号 No.
NESL064A
STS-DA7-0863
0.37
0.38
0.39
0.40
0.41
0.38
0.39
0.40
0.41
0.42
Taxy
-40°C
0°C
25°C
50°C
110°C
x
0.37
0.38
0.39
0.40
0.41
0.38
0.39
0.40
0.41
0.42
Ifxy
1mA
5mA
20mA
30mA
100mA
x
20 mA
I
FP=
周囲温度-色度特性
Ambient Temperature vs
Chromaticity Coordinate
電流-色度特性
Forward Current vs
Chromaticity Coordinate
T
A =25
°C
* 本特性参考す
All characteristics shown are for reference only and are not guaranteed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com