Electronic Components Datasheet Search
  English  ▼

X  

255D Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 255D
Description  Organic Polymer, Low ESR, Tantalum Capacitors Commercial, Surface Mount Capacitors for Switch Mode Power Supplies and Converters
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

255D Datasheet(HTML) 2 Page - Vishay Siliconix

  255D Datasheet HTML 1Page - Vishay Siliconix 255D Datasheet HTML 2Page - Vishay Siliconix 255D Datasheet HTML 3Page - Vishay Siliconix 255D Datasheet HTML 4Page - Vishay Siliconix 255D Datasheet HTML 5Page - Vishay Siliconix 255D Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.vishay.com
3
Type 255D
Vishay Sprague
Document Number: 40052
Revision 04-Feb-03
Note: Preferred Tolerance and Reel size are in bold.
Last three characters designate ESR max. Limit in milliohms.
ORDERING INFORMATION
CAPACITANCE
CASE
PART
MAX
MAX DF
MAX ESR
MAX RIPPLE
(
µF)
CODE
NUMBER
DCL
@ + 25
°C
@ 100K Hz
100K Hz
@ +25
°C(mΩ)
IRMS
(AMPS)
4WVDC @ + 85
°C, 3.2WVDC @ + 105°C, SURGE = 5.2V @ + 85°C, 4.2V @ + 105°C
220*
D*
255D227X_004D2_055*
88*
8*
55*
2.0*
220*
D*
255D227X_004D2_045*
88*
8*
45*
2.0*
220
D
255D227X_004D2_040
88
8
40
2.0
6.3WVDC @ + 85
°C, 5WVDC @ + 105°C, SURGE = 8V @ + 85°C, 5V @ +105°C
150
D
255D157X_6R3D2_055
95
8
55
2.0
150
D
255D157X_6R3D2_045
95
8
45
2.0
10WVDC @ + 85
°C, 8WVDC @ + 105°C, SURGE = 13V @ + 85°C, 8V @ +105°C
100
D
255D107X_010D2_065
100
8
65
2.0
100
D
255D107X_010D2_050
100
8
50
2.0
*Preliminary values, contact factory for availability.
RATINGS AND CASE CODES
µF
4V
6.3V
10V
220
D
150
D
100
D
255D
MODEL
227
CAPACITANCE
D
CASE CODE
See Ratings
and Case
Codes Table.
2 = Solderable
coating.
Standard.
2
TERMINATION
X0
CAPACITANCE
TOLERANCE
004
DC VOLTAGE RATING
@ + 85
°C
This is expressed
in volts. To
complete the
three-digit block,
zeros precede the
voltage rating. A
decimal point is
indicated by an "R"
(6R3 = 6.3 volts).
_
REEL SIZE AND
PACKAGING
T = Tape and
reel*
7" [178mm] reel
W =13" [330mm]
reel
*Cathode nearest
sprocket hole.
This is expressed
in picofarads. The first
two digits are the
significant figures.
The third is the
number of zeros to
follow.
X0 =
± 20%
*Preliminary values, contact factory for availability.
STANDARD RATINGS



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com