Electronic Components Datasheet Search
  English  ▼

X  

255D Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 255D
Description  Organic Polymer, Low ESR, Tantalum Capacitors Commercial, Surface Mount Capacitors for Switch Mode Power Supplies and Converters
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

255D Datasheet(HTML) 3 Page - Vishay Siliconix

  255D Datasheet HTML 1Page - Vishay Siliconix 255D Datasheet HTML 2Page - Vishay Siliconix 255D Datasheet HTML 3Page - Vishay Siliconix 255D Datasheet HTML 4Page - Vishay Siliconix 255D Datasheet HTML 5Page - Vishay Siliconix 255D Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Document Number: 40052
Revision 04-Feb-03
www.vishay.com
4
Type 255D
Vishay Sprague
PERFORMANCE CHARACTERISTICS
1.
Operating Temperature: Capacitors are designed to
operate over the temperature range of - 55
°C to
+105
°C.
1.1 Capacitors may be operated to + 105
°C with voltage
derating to 0.8 times the + 85
°C rating.
- 55
°C
±20%
+ 85
°C
±20%
+ 105
°C
±30%
5.
Capacitance Change With Temperature:
The
capacitance change with temperature shall not exceed
the following percentage of the capacitance measured
at + 25
°C: at
6.
Dissipation Factor: The dissipation factor, determined
from the expression 2
πfRC, shall not exceed values listed
in the Standard Ratings Table.
6.1 Measurements shall be made by the bridge method at,
or referred to, a frequency of 120Hz and a temperature
of + 25
°C.
7.
Leakage Current: Capacitors shall be stabilized at the
rated temperature for 30 minutes. Rated voltage shall
be applied to capacitors for 5 minutes using a steady
source of power (such as a regulated power supply) with
1000 ohm resistor connected in series with the capaci-
tor under test to limit the charging current. Leakage cur-
rent shall then be measured.
7.1 At + 25
°C, the leakage current shall not exceed the value
listed in the Standard Ratings Table.
7.2 At + 85
°C, the leakage current shall not exceed 10 times
the value listed in the Standard Ratings Table.
7.3 At + 105
°C, the leakage current , while measured at 0.8
times the rated voltage, shall not exceed 10 times the
value listed in the Standard Ratings Table.
8.
ESR
8.1 ESR (Equivalent Series Resistance) shall not exceed
the values listed in the Ratings Table. Measurement shall
be made by the bridge method at a frequency of 100kHz
and a temperature of + 25
°C.
9.
Life Test: Capacitors shall withstand rated DC voltage
applied at + 85
°C for 1000 hours.
9.1 Following the life test, the dissipation factor shall not
exceed 1.5 times the initial requirement; the capacitance
change shall not exceed
±20%; the leakage current shall
not exceed 0.1 CV (3uA).
2.
DC Working Voltage: The DC working voltage is the
maximum operating voltage for continuous duty at the
rated temperature.
3.
Surge Voltage: The surge DC rating is the maximum
voltage to which the capacitors may be subjected un-
der any conditions, including transients and peak ripple
at the highest line voltage.
3.1 Surge Voltage Test: Capacitors shall withstand the
surge voltage applied in series with a 33 ohm
± 5%
resistor at the rate of one-half minute on, one-half minute
off, at + 85
°C, for 1000 successive test cycles.
3.2 Following the surge voltage test, the dissipation factor
shall meet the initial requirements; the capacitance shall
not have changed more than
± 20%. The leakage cur-
rent shall not exceed 150% of the initial value.
4.
Capacitance Tolerance: The capacitance of all capaci-
tors shall be within the specified tolerance limits of the
normal rating.
4.1 Capacitance measurements shall be made by means
of polarized capacitance bridge. The polarizing voltage
shall be of such magnitude that there shall be no rever
sal of polarity due to the AC component. The maximum
voltage applied to capacitors during measurement shall
be 2 volts rms at 120Hz at + 25
°C. If the AC voltage
applied is less than one-half volt rms, no DC bias is re-
quired. Accuracy of the bridge shall be within
± 2%.
+ 85
°C
+ 105
°C RATING
WORKING
SURGE
WORKING
SURGE
VOLTAGE
VOLTAGE
VOLTAGE
VOLTAGE
(V)
(V)
(V)
(V)
4.0
5.2
3.2
4.3
6.3
8.0
5.0
6.5
10.0
13.0
8.0
10.4



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com