Electronic Components Datasheet Search
  English  ▼

X  

2736330 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 2736330
Description  FLM BK PB M12 DI 8 M12
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2736330 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  2736330 Datasheet HTML 1Page - PHOENIX CONTACT 2736330 Datasheet HTML 2Page - PHOENIX CONTACT 2736330 Datasheet HTML 3Page - PHOENIX CONTACT 2736330 Datasheet HTML 4Page - PHOENIX CONTACT 2736330 Datasheet HTML 5Page - PHOENIX CONTACT 2736330 Datasheet HTML 6Page - PHOENIX CONTACT 2736330 Datasheet HTML 7Page - PHOENIX CONTACT 2736330 Datasheet HTML 8Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
FLM BK PB M12 DI 8 M12 Order No.: 2736330
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=2736330
PHOENIX CONTACT Deutschland GmbH
Page 4 / 8
http://www.phoenixcontact.de
Feb 4, 2011
Certification Ex:
CUL-EX, UL-EX
Accessories
Item
Designation
Description
Cable/conductor
1518368
SAC-5P- 2,0-186/FS SCO
Sensor/Actuator cable, 5-position, PUR, Black-gray RAL 7021,
Free conductor end, on Socket, straight M12-SPEEDCON, A-
coded, Cable length: 2 m
1518371
SAC-5P- 5,0-186/FS SCO
Sensor/Actuator cable, 5-position, PUR, Black-gray RAL 7021,
Free conductor end, on Socket, straight M12-SPEEDCON, A-
coded, Cable length: 5 m
1518384
SAC-5P-10,0-186/FS SCO
Sensor/Actuator cable, 5-position, PUR, Black-gray RAL 7021,
Free conductor end, on Socket, straight M12-SPEEDCON, A-
coded, Cable length: 10 m
1518397
SAC-5P-15,0-186/FS SCO
Sensor/Actuator cable, 5-position, PUR, Black-gray RAL 7021,
Free conductor end, on Socket, straight M12-SPEEDCON, A-
coded, Cable length: 15 m
1518407
SAC-5P-MS/ 0,3-186/FS SCO
Sensor/Actuator cable, 5-position, PUR, Black-gray RAL
7021, Plug, straight M12-SPEEDCON, A-coded, on Socket,
straight M12-SPEEDCON, A-coded, Cable length: 0.3 m
1518410
SAC-5P-MS/ 0,5-186/FS SCO
Sensor/Actuator cable, 5-position, PUR, Black-gray RAL
7021, Plug, straight M12-SPEEDCON, A-coded, on Socket,
straight M12-SPEEDCON, A-coded, Cable length: 0.5 m
1518423
SAC-5P-MS/ 1,0-186/FS SCO
Sensor/Actuator cable, 5-position, PUR, Black-gray RAL
7021, Plug, straight M12-SPEEDCON, A-coded, on Socket,
straight M12-SPEEDCON, A-coded, Cable length: 1 m
1518326
SAC-5P-MS/ 2,0-186 SCO
Sensor/Actuator cable, 5-position, PUR, Black-gray RAL 7021,
Plug, straight M12-SPEEDCON, A-coded, on Free conductor end,
Cable length: 2 m
1518436
SAC-5P-MS/ 2,0-186/FS SCO
Sensor/Actuator cable, 5-position, PUR, Black-gray RAL
7021, Plug, straight M12-SPEEDCON, A-coded, on Socket,
straight M12-SPEEDCON, A-coded, Cable length: 2 m
1518339
SAC-5P-MS/ 5,0-186 SCO
Sensor/Actuator cable, 5-position, PUR, Black-gray RAL 7021,
Plug, straight M12-SPEEDCON, A-coded, on Free conductor end,
Cable length: 5 m
1518449
SAC-5P-MS/ 5,0-186/FS SCO
Sensor/Actuator cable, 5-position, PUR, Black-gray RAL
7021, Plug, straight M12-SPEEDCON, A-coded, on Socket,
straight M12-SPEEDCON, A-coded, Cable length: 5 m
1518342
SAC-5P-MS/10,0-186 SCO
Sensor/Actuator cable, 5-position, PUR, Black-gray RAL 7021,
Plug, straight M12-SPEEDCON, A-coded, on Free conductor end,
Cable length: 10 m



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com