Electronic Components Datasheet Search
  English  ▼

X  

2736330 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 2736330
Description  FLM BK PB M12 DI 8 M12
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2736330 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  2736330 Datasheet HTML 1Page - PHOENIX CONTACT 2736330 Datasheet HTML 2Page - PHOENIX CONTACT 2736330 Datasheet HTML 3Page - PHOENIX CONTACT 2736330 Datasheet HTML 4Page - PHOENIX CONTACT 2736330 Datasheet HTML 5Page - PHOENIX CONTACT 2736330 Datasheet HTML 6Page - PHOENIX CONTACT 2736330 Datasheet HTML 7Page - PHOENIX CONTACT 2736330 Datasheet HTML 8Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
FLM BK PB M12 DI 8 M12 Order No.: 2736330
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=2736330
PHOENIX CONTACT Deutschland GmbH
Page 2 / 8
http://www.phoenixcontact.de
Feb 4, 2011
Technical data
General data
Width
70 mm
Height
178 mm
Depth
50 mm
Drill hole spacing
168 mm
Weight
280 g
Mounting type
Wall mounting
Ambient temperature (operation)
-25 °C ... 60 °C
Ambient temperature (storage/transport)
-25 °C ... 85 °C
Permissible humidity (storage/transport)
95 %
Air pressure (operation)
80 kPa ... 106 kPa (up to 2000 m above sea level)
Air pressure (storage/transport)
70 kPa ... 106 kPa (up to 3000 m above sea level)
Degree of protection
IP65/67
Protection class
III, IEC 61140, EN 61140, VDE 0140-1
Test section
To I/O 500 V AC
Mechanical tests
Shock test in acc. with IEC 60068-2-27 Load 30 g, half sine wave,
positive and negative per direction
Vibration resistance in acc. with IEC 60068-2-6 5g in each space
direction
Interface
Fieldbus system
PROFIBUS-DP
Name
PROFIBUS DP
Type of connection
M12 connector, B-coded
Designation connection point
Copper cable
Transmission speed
9.64 kBaud to 12 Mbaud automatic detection
Address area assignment
1 ... 126, adjustable
Number of positions
5
Local bus gateway
Name
Local bus gateway
Type of connection
M12 connector, B-coded
Transmission speed
500 kBaud/ 2 MBaud, can be selected
Max. number of local bus devices
16
Max. length of local bus
20 m



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com