Electronic Components Datasheet Search
  English  ▼

X  

NFSL172AT Datasheet(PDF) 6 Page - NICHIA CORPORATION

Part # NFSL172AT
Description  LED
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NFSL172AT Datasheet(HTML) 6 Page - NICHIA CORPORATION

Back Button NFSL172AT Datasheet HTML 2Page - NICHIA CORPORATION NFSL172AT Datasheet HTML 3Page - NICHIA CORPORATION NFSL172AT Datasheet HTML 4Page - NICHIA CORPORATION NFSL172AT Datasheet HTML 5Page - NICHIA CORPORATION NFSL172AT Datasheet HTML 6Page - NICHIA CORPORATION NFSL172AT Datasheet HTML 7Page - NICHIA CORPORATION NFSL172AT Datasheet HTML 8Page - NICHIA CORPORATION NFSL172AT Datasheet HTML 9Page - NICHIA CORPORATION NFSL172AT Datasheet HTML 10Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
NICHIA STS-DA1-3953D <Cat.No.181017>
5
OUTLINE DIMENSIONS
STS-DA7-0063C
NFSx172x
管理番号 No.
(単位 Unit: mm)
This product complies with RoHS Directive.
本製品
RoHS指
適合し
ます
*
(単位 Unit: mm, 公差 Tolerance:
0.2)
K
A
保護素子
Protection Device
0.5
2.7
Cathode
Anode
0.8
(2.3)
3
Cathode Mark
目 Item
ッ ー 材質
Package Materials
封止樹脂材質
Encapsulating Resin
Materials
電極材質
Electrodes Materials
質量
Weight
内容 Description
セ ミッ
Ceramics
ーン樹脂
散剤+蛍体入
Silicone Resin
(with diffuser and phosphor)
金メッキ
Au-plated
0.024g (TYP)
The dimension(s) in parentheses are for reference purposes.
括弧 囲ま
寸法参考値 す
*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com