Electronic Components Datasheet Search
  English  ▼

X  

NFSL172AT Datasheet(PDF) 8 Page - NICHIA CORPORATION

Part # NFSL172AT
Description  LED
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NFSL172AT Datasheet(HTML) 8 Page - NICHIA CORPORATION

Back Button NFSL172AT Datasheet HTML 4Page - NICHIA CORPORATION NFSL172AT Datasheet HTML 5Page - NICHIA CORPORATION NFSL172AT Datasheet HTML 6Page - NICHIA CORPORATION NFSL172AT Datasheet HTML 7Page - NICHIA CORPORATION NFSL172AT Datasheet HTML 8Page - NICHIA CORPORATION NFSL172AT Datasheet HTML 9Page - NICHIA CORPORATION NFSL172AT Datasheet HTML 10Page - NICHIA CORPORATION NFSL172AT Datasheet HTML 11Page - NICHIA CORPORATION NFSL172AT Datasheet HTML 12Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
NICHIA STS-DA1-3953D <Cat.No.181017>
7
TAPE AND REEL DIMENSIONS
STS-DA7-0064C
Reel Size: 4000pcs
数量
1 ー
4000個入
す
*
Nxxx172x
ーピン 部 Tape
4
±0.1
4
±0.1
2
±0.05
-0
Φ 1.5+0.1
ー
部 Reel
f 13
±0.2
f 2
1 ±0
.8
Label
11.4
±1
9
±0.3
180
+0
-3
The tape packing method complies with JIS C 0806
(Packaging of Electronic Components on Continuous Tapes).
* JIS C 0806電子部品 ーピン
準し います
管理番号 No.
(単位 Unit: mm)
3.3
±0.1
0.2
±0.05
1.05
±0.1
Cathode Mark
-0
Φ 1+0.25
ー 部/ ーダ部 Trailer and Leader
Top Cover Tape
引 出し方向
LED装着部
ーダ部MIN 400mm
ー 部MIN 160mm 空部
Trailer 160mm MIN (Empty Pockets)
Loaded Pockets
エンボ キャ
ープ
Embossed Carrier Tape
ップカ
ー ープ
Feed
Direction
Leader without Top Cover Tape 400mm MIN
引 出し部MIN 100mm 空部
Leader with Top Cover Tape
100mm MIN (Empty Pocket)
When the tape is rewound due to work interruptions,
no more than 10N should be applied to
the embossed carrier tape.
The LEDs may stick to the top cover tape.
* 実装作業中断
エンボ キャ
ープ
ー
巻 取 場合
エンボ キャ
ープ 強く(10N
)締
い
さい
LED
カ
ー ープ 貼 付く可能性あ ます



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com