| Electronic Components Datasheet Search |
|
AD9858TLPCB Datasheet(PDF) 11 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9858TLPCB Datasheet(HTML) 11 Page - Analog Devices |
|
11 / 32 page ![]() AD9858 Rev. A | Page 11 of 32 –10 0 –20 –30 –40 –50 –60 –70 –80 –90 –100 START 0Hz 50MHz/ STOP 500MHz 5kHz 5kHz 50s RF ATT UNIT 20dB dB A 1AP REF LVL 5dBm RBW VBW SWT MARKER 1 [T1] –1.25dBm 375.75150301MHz 1 Figure 9. Wideband SFDR, 375 MHz FOUT –10 0 –20 –30 –40 –50 –60 –70 –80 –90 –100 CENTER 216.1MHz 100kHz/ SPAN 1MHz 300Hz 300Hz 56s RF ATT UNIT 20dB dB A 1AP REF LVL 5dBm RBW VBW SWT Figure 10. Narrow-Band SFDR, 201 MHz FOUT, 1 MHz BW, 1 GHz Clock, Divider Off –10 0 –20 –30 –40 –50 –60 –70 –80 –90 –100 CENTER 216.1MHz 100kHz/ SPAN 1MHz 300Hz 300Hz 56s RF ATT UNIT 20dB dB A 1AP REF LVL 5dBm RBW VBW SWT Figure 11. Narrow-Band SFDR, 201 MHz FOUT, 1 MHz BW, 2 GHz Clock, Divider On –10 0 –20 –30 –40 –50 –60 –70 –80 –90 –100 CENTER 375.1MHz 500kHz/ SPAN 5MHz 500Hz 500Hz 100s RF ATT UNIT 20dB dB A 1AP REF LVL 5dBm RBW VBW SWT MARKER 1 [T1] –1.35dBm 375.10501002MHz 1 Figure 12. Narrow-Band SFDR, 375 MHz FOUT, 1 MHz BW –10 0 –20 –30 –40 –50 –60 –70 –80 –90 –100 START 0Hz 50MHz/ STOP 500MHz 5kHz 5kHz 50s RF ATT UNIT 20dB dB A 1AP REF LVL 5dBm RBW VBW SWT MARKER 1 [T1] 1.12dBm 216.43286573MHz 1 Figure 13. Wideband SFDR, 201 MHz FOUT, 1GHz Clock, Divider Off –10 0 –20 –30 –40 –50 –60 –70 –80 –90 –100 START 0Hz 50MHz/ STOP 500MHz 5kHz 5kHz 50s RF ATT UNIT 20dB dB A 1AP REF LVL 5dBm RBW VBW SWT MARKER 1 [T1] 1.12dBm 216.43286573MHz 1 Figure 14. Wideband SFDR, 201 MHz FOUT, 2 GHz Clock, Divider On |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |