Electronic Components Datasheet Search
  English  ▼

X  

AD9858TLPCB Datasheet(PDF) 25 Page - Analog Devices

Part # AD9858TLPCB
Description  1 GSPS Direct Digital Synthesizer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9858TLPCB Datasheet(HTML) 25 Page - Analog Devices

Back Button AD9858TLPCB Datasheet HTML 21Page - Analog Devices AD9858TLPCB Datasheet HTML 22Page - Analog Devices AD9858TLPCB Datasheet HTML 23Page - Analog Devices AD9858TLPCB Datasheet HTML 24Page - Analog Devices AD9858TLPCB Datasheet HTML 25Page - Analog Devices AD9858TLPCB Datasheet HTML 26Page - Analog Devices AD9858TLPCB Datasheet HTML 27Page - Analog Devices AD9858TLPCB Datasheet HTML 28Page - Analog Devices AD9858TLPCB Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
AD9858
Rev. A | Page 25 of 32
Register Bit Descriptions
Control Function Register (CFR)
The CFR is comprised of four bytes located in parallel addresses
0x03 to 0x00. The CFR is used to control the various functions,
features, and modes of the AD9858. The functionality of each
bit is detailed below. Note that the register bits are identified
according to their serial register bit locations beginning with the
most significant bit.
CFR<31:30>: Frequency-Detect Mode Charge Pump Current
These bits are used to set the scale factor for the frequency-
detect mode charge pump output current per Table 7. The
charge pump delivers the scaled output current when the
control logic forces the charge pump into its frequency detect
operating mode. The charge pump’s baseline output current
(ICP0) is determined by the external CPISET resistor and is
given by
T
1.24/CPISE
ICP0 =
The recommended nominal value of the CPISET resistor is
2.4 kΩ, which yields a baseline current of 500 µA.
Table 7.
CFR<31:30>
Frequency-Detect
Charge Pump
Scale Value
Notes
00b
0
IOUT = 0 (Default)
01b
2
IOUT = 20 × ICP0
10b
3
IOUT = 40 × ICP0
11b
4
IOUT = 60 × ICP0
CFR<29:27>: Final Closed-Loop Mode
Charge Pump Output Current
These bits are used to set the scale factor for the final closed-
loop mode charge pump output current per Table 8. The charge
pump delivers the scaled output current when the control logic
forces the charge pump into its final closed-loop mode.
Table 8.
CFR<29:27>
Final Closed-Loop
CP Scale Value
Notes
0xxb
0
IOUT = 0 (Default)
100b
1
IOUT = ICP0
101b
2
IOUT = 2 × ICP0
110b
3
IOUT = 3 × ICP0
111b
4
IOUT = 4 × ICP0
CFR<26:24>: Wide Closed-Loop Charge Pump
Output Current
These bits are used to set the scale factor for the wide closed-
loop charge pump output current, see Table 9. The charge pump
delivers the scaled output current when the control logic forces
the charge pump into its wide closed-loop operating mode.
Table 9.
CFR<26:24>
Wide Closed-Loop
CP Scale Value
Notes
000b
0
IOUT = 0 (Default)
001b
2
IOUT = 2 × ICP0
010b
4
IOUT = 4 × ICP0
011b
6
IOUT = 6 × ICP0
100b
8
IOUT = 8 × ICP0
101b
10
IOUT = 10 × ICP0
110b
12
IOUT = 12 × ICP0
111b
14
IOUT = 14 × ICP0
CFR<23>: AutoClear Frequency Accumulator Bit
When CFR<23> = 0 (default), a new delta frequency word is
applied to the input of the accumulator and added to the
currently stored value.
When CFR<23> = 1, this bit automatically synchronously clears
(loads zeros into) the frequency accumulator for one cycle upon
reception of the FUD sequence indicator.
CFR<22>: AutoClear Phase Accumulator Bit
When CFR<22> = 0 (default), a new frequency tuning word is
applied to the input of the phase accumulator and added to the
currently stored value.
When CFR<22> = 1, this bit automatically synchronously clears
(loads zeros into) the phase accumulator for one cycle upon
reception of the FUD sequence indicator.
CFR<21>: Load Delta-Frequency Timer
When CFR<21> = 1 (default), the contents of the delta
frequency ramp rate word are loaded into the ramp rate timer
(down counter) upon detection of a FUD sequence.
When CFR<21> = 0, the contents of the delta frequency ramp
rate word are loaded into the ramp rate timer upon timeout
with no regard to the state of the FUD sequence indicator (i.e.,
the FUD sequence indicator is ignored).
CFR<20>: Clear Frequency Accumulator Bit
When CFR<20> = 1, the frequency accumulator is
synchronously cleared and is held clear until CFR<20> is
returned to a Logic 0 state (default).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com